Electronic Components Datasheet Search
  English  ▼

X  

SIF4 Datasheet(PDF) 1 Page - ELESTA GmbH

Part # SIF4
Description  SIF 4 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELESTA [ELESTA GmbH]
Direct Link  https://www.elesta-gmbh.com/
Logo ELESTA - ELESTA GmbH

SIF4 Datasheet(HTML) 1 Page - ELESTA GmbH

  SIF4 Datasheet HTML 1Page - ELESTA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Copyright
11/2014
ELESTA GmbH, Heuteilstrasse 18,
CH - 7310 Bad Ragaz, Switzerland
Fon:
+41 (0)81 303 54 00
Fax:
+41 (0)81 303 54 01
Circuit Diagram (view on relay upper side)
A1
A2
43
44
33
34
21
22
11
12
SIF222
A1
A2
43
44
33
34
23
24
11
12
SIF312
Insulation Data
- Double or reinforced insulation
at 250 VAC
- Air and creepage distance
>5,5 mm
- Test voltage
4000 V / 50 Hz / 1 min
Test voltage contact open
1500 V / 50 Hz / 1 min
Creepage resistance
CTI 175
Pollution degree
2
Overvoltage category
III
Insulation resistance at Up 500 VDC
>100 MΩ
Additional Data
Mechanical endurance
>10 x 106 operations
Switching frequency, mechanical
15 Hz
Response time (all NO closed)
typically 12 ms
Drop-out time** (all NC closed)
typically 5 ms
Bounce time of NO contact
typically 1,5 ms
Bounce time of NC contact
typically 15 ms
Shock resistance 16 ms
NO > 15g
NC > 5g
Vibration resistance
NO > 10g
(10-200 Hz)
NC > 2g
Resistance to short circuiting NO
1000 A SCPD 10 A gG / gL (pre-fuse)
Resistance to short circuiting NC
1000 A SCPD 6 A gG / gL (pre-fuse)
Ambient temperature
-40°C to +70°C
Thermal resistance
60 K / W
Temperature limit for coil
120°C
Weight
ca. 20 g
Mounting position
any
Type of protection
RT II
Solder bath temperature
270°C / 5 s
**without spark suppression
Tests, Regulations
Approvals
UL File E188953
Sec. 6
Insulation class IEC 60664-1
250 VAC
Protection class II
VDE 0106
Fire protection requirements
UL 94 / V0
Options, Accessories
none available
Product Key
SIF 3 1 2 24VDC
Coil voltage
Soldering tags
Number of NC contacts
Number of NO contacts
Type designation
Contact Lifetime for NO Contacts
AC 1:230V
AC 1:230V
DC 1: 24V
DC 1: 24V
AC 15: 230V
AC 15: 230V
DC 13: 24V
DC 13: 24V
10000
1000
100
10
0,1
0,5
1,0
5,0
10
Maximal switching characteristics (DIN EN 60947-5-1)
AC 1:
250 V / 8 A
AC 15:
230 V / 5 A
DC 1:
24 V / 8 A
DC 13:
24 V / 5 A / 0,1 Hz
UL 508:
B300 / R300
Maximal contact load at AC 1 with 230 V:
2 contacts with 8 A each
3 contacts with 6 A each
Load Limit Curve with Direct Current
1)
0
0,1
0,2
0,3
0,4
0,6
0,8
1
2
3
4
6
8
10
50
100
150
200
250
1
2
Inductive load L/R 40 ms
2) Resistive load
Excitation Voltage Range
1)
0
0
0,5
1,0
1,5
2,0
2,5
3,0
20
40
60
80
100
UB
UN
1
2
Max. excitation voltage with contact load: ≤5 A
2) Min. excitation voltage (guaranteed values) without
previous operation
No heat accumulation due to intrinsic heating of
other components. Continuous duty 100%.
Switching Current (A) →
Voltage (VDC) →
Ambient Temperature °C →
Relay Key Data
- PCB Relay with forcibly guided contacts
- Protective separation between coil and contacts
(>5,5 mm) and contacts side by side (>5,5 mm)
- EN50205 type A
- Double and reinforced insulation
- SMD arrangement below relay possible
- Contact Mounting:
SIF222
2 NO / 2 NC
SIF312
3 NO / 1 NC
- Compact height: only 10,9 mm
- Nominal coil power 0,70 W
- Holding coil power 0,21 W
- For railway application (EN50155) on request
Dimensions
[mm]
41
37,8
7,6
5,1 1,6
0,5
1,5
29,4
3,1
3,1
4,2
1 4,2
23,2
15,4
1,5
7,5 7,5 7,5 1,6
5,1
28,3
7,6
Ø1,3
* Do not drill when SMD arrangement
** Open breathing hole
Contact Data
Contact material
AgCuNi + 0,2 µm Au
Type of contact
Single contact with notched crown
Rated switching capacity
250 VAC 8 A AC1 2000 VA
Electr. life AC 1(360 cycles / h)
approx.100000
Inrush current max.
30 A for 20 ms
Switching voltage range
5 to 250 VDC / VAC
Switching current range*
3 mA to 8 A
Switching capacity range*
40 mW to 2000 W(VA)
Contact resitance (as delivered)
≤100 mΩ / 6 V / 100 mA
*Guided values
Standard coils for direct current
(other voltages on request)
5
≤3,5
≥0,5
140,0
35,7 ± 10%
12
≤8,4
≥1,2
58,5
205 ± 10%
18
≤12,6
≥1,8
39,1
460 ± 10%
20
≤14,0
≥2,0
35,0
570 ± 10%
24
≤16,8
≥2,4
29,2
820 ± 10%
48
≤33,6
≥4,8
14,6
3280 ± 10%
60
≤42,0
≥6,0
11,7
5100 ± 13%
110
≤77,0
≥11,0
6,3
17250 ± 15%
SIF 4 Series


Similar Part No. - SIF4

ManufacturerPart #DatasheetDescription
logo
Shenzhen SI Semiconduct...
SIF4N60D SISEMIC-SIF4N60D Datasheet
460Kb / 9P
N-CHANNEL POWER MOSFET
SIF4N65C SISEMIC-SIF4N65C Datasheet
468Kb / 9P
N-CHANNEL POWER MOSFET
SIF4N65D SISEMIC-SIF4N65D Datasheet
467Kb / 9P
N-CHANNEL POWER MOSFET
SIF4N70C SISEMIC-SIF4N70C Datasheet
345Kb / 6P
N-CHANNEL POWER MOSFET
More results

Similar Description - SIF4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52317SP MITSUBISHI-M52317SP Datasheet
249Kb / 10P
MULTIPLE SIF CONVERTER
logo
STMicroelectronics
STV8225 STMICROELECTRONICS-STV8225 Datasheet
90Kb / 6P
AM SIF CIRCUIT
Feb-1995
logo
Hitachi Semiconductor
M61111FP HITACHI-M61111FP Datasheet
271Kb / 20P
Coil-less VIF/SIF
logo
Sanyo Semicon Device
N6804 SANYO-N6804 Datasheet
1Mb / 15P
VIF/SI SIF
logo
New Japan Radio
NJM2542 NJRC-NJM2542 Datasheet
97Kb / 6P
VIF/ SIF DEMODULATOR
logo
Renesas Technology Corp
M51496P RENESAS-M51496P Datasheet
4Mb / 15P
VIF/SIF
M52317SP RENESAS-M52317SP Datasheet
2Mb / 11P
MULTIPLE SIF CONVERTER
logo
ELESTA GmbH
SIF3 ELESTA-SIF3 Datasheet
266Kb / 1P
SIF 3 Series
SIF6 ELESTA-SIF6 Datasheet
177Kb / 1P
SIF 6 Series
logo
Rohm
BA7358S ROHM-BA7358S Datasheet
250Kb / 15P
VIF/SIF signal processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com