Electronic Components Datasheet Search
  English  ▼

X  

LM6511 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6511
Description  180 ns 3V Comparator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6511 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM6511 Datasheet HTML 1Page - National Semiconductor (TI) LM6511 Datasheet HTML 2Page - National Semiconductor (TI) LM6511 Datasheet HTML 3Page - National Semiconductor (TI) LM6511 Datasheet HTML 4Page - National Semiconductor (TI) LM6511 Datasheet HTML 5Page - National Semiconductor (TI) LM6511 Datasheet HTML 6Page - National Semiconductor (TI) LM6511 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM6511
180 ns 3V Comparator
General Description
The LM6511 voltage comparator is ideal for analog-digital in-
terface circuitry when only a +3V or +3.3V supply is avail-
able. The open-collector output permits signal compatibility
with a wide variety of digital families: +5V CMOS, +3V
CMOS, TTL and so on. Supply voltage may range from 2.7V
to 36V between supply voltage leads. The LM6511 operates
with little power consumption (P
diss < 9.45 mW at V
+ =
+2.7V and V
− = 0V).
This voltage comparator offers many features that are avail-
able in traditional sub-microsecond comparators: output
sync strobe, inputs and output may be isolated from system
ground, and wire-ORing. Also, the LM6511 uses the
industry-standard, single comparator pinout configuration.
Features
(Typical unless otherwise noted)
n Operates at +2.7V, +3V, +3.3V, +5V
n Low Power consumption <9.45 mW @ V
+ = 2.7V (max)
n Fast Response Time of 180 ns
Applications
n Portable Equipment
n Cellular Phones
n Digital Level Shifting
Connection Diagram
Ordering Information
Package
Industrial Temperature Range
NSC Package
−40˚C to +85˚C
Drawing
8-Pin Small Outline
LM6511IM
M08A
8-Pin SO
DS011888-1
June 1999
© 1999 National Semiconductor Corporation
DS011888
www.national.com


Similar Part No. - LM6511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6511 NSC-LM6511 Datasheet
150Kb / 6P
180 ns 3V Comparator
logo
Texas Instruments
LM6511 TI-LM6511 Datasheet
809Kb / 13P
LM6511 180 ns 3V Comparator
LM6511 TI1-LM6511 Datasheet
826Kb / 14P
180 ns 3V Comparator
LM6511 TI2-LM6511 Datasheet
530Kb / 16P
LM6511 180 ns 3V Comparator
REVISED MARCH 2013
logo
National Semiconductor ...
LM6511IM NSC-LM6511IM Datasheet
150Kb / 6P
180 ns 3V Comparator
More results

Similar Description - LM6511

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8561 AD-AD8561 Datasheet
105Kb / 11P
Ultrafast 7 ns Single Supply Comparator
REV.0
AD8564 AD-AD8564 Datasheet
115Kb / 8P
Quad 7 ns Single Supply Comparator
AD8598 AD-AD8598 Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
AD8564 AD-AD8564_07 Datasheet
260Kb / 12P
Quad 7 ns Single Supply Comparator
REV. B
logo
National Semiconductor ...
LM6511 NSC-LM6511_03 Datasheet
150Kb / 6P
180 ns 3V Comparator
logo
Analog Devices
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561AR-REEL AD-AD8561AR-REEL Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
logo
Texas Instruments
LM6511IM TI-LM6511IM Datasheet
809Kb / 13P
LM6511 180 ns 3V Comparator
LM6511 TI1-LM6511_14 Datasheet
826Kb / 14P
180 ns 3V Comparator
logo
Analog Devices
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
Ultrafast 7 ns Single Supply Comparator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com