Electronic Components Datasheet Search
  English  ▼

X  

LP2985LV Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2985LV
Description  Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985LV Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP2985LV Datasheet HTML 1Page - National Semiconductor (TI) LP2985LV Datasheet HTML 2Page - National Semiconductor (TI) LP2985LV Datasheet HTML 3Page - National Semiconductor (TI) LP2985LV Datasheet HTML 4Page - National Semiconductor (TI) LP2985LV Datasheet HTML 5Page - National Semiconductor (TI) LP2985LV Datasheet HTML 6Page - National Semiconductor (TI) LP2985LV Datasheet HTML 7Page - National Semiconductor (TI) LP2985LV Datasheet HTML 8Page - National Semiconductor (TI) LP2985LV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Ordering Information
TABLE 1. Package Marking and Ordering Information
Output Voltage (V)
Grade
Order Information
Package
Marking
Supplied as:
5-Lead Small Outline Package (M5)
1.35
A
LP2985AIM5X-135
LF7A
3000 Units on Tape and Reel
1.35
A
LP2985AIM5-135
LF7A
1000 Units on Tape and Reel
1.35
STD
LP2985IM5X-135
LF7B
3000 Units on Tape and Reel
1.35
STD
LP2985IM5-135
LF7B
1000 Units on Tape and Reel
1.5
A
LP2985AIM5X-1.5
LCHA
3000 Units on Tape and Reel
1.5
A
LP2985AIM5-1.5
LCHA
1000 Units on Tape and Reel
1.5
STD
LP2985IM5X-1.5
LCHB
3000 Units on Tape and Reel
1.5
STD
LP2985IM5-1.5
LCHB
1000 Units on Tape and Reel
1.8
A
LP2985AIM5X-1.8
LAYA
3000 Units on Tape and Reel
1.8
A
LP2985AIM5-1.8
LAYA
1000 Units on Tape and Reel
1.8
STD
LP2985IM5X-1.8
LAYB
3000 Units on Tape and Reel
1.8
STD
LP2985IM5-1.8
LAYB
1000 Units on Tape and Reel
2.0
A
LP2985AIM5X-2.0
LCDA
3000 Units on Tape and Reel
2.0
A
LP2985AIM5-2.0
LCDA
1000 Units on Tape and Reel
2.0
STD
LP2985IM5X-2.0
LCDB
3000 Units on Tape and Reel
2.0
STD
LP2985IM5-2.0
LCDB
1000 Units on Tape and Reel
micro SMD, 5 Bump Package (BPA05 - 170 µm ball)
1.5
A
LP2985AIBP-1.5
250 Units on Tape and Reel
1.5
A
LP2985AIBPX-1.5
3000 Units on Tape and Reel
1.5
STD
LP2985IBP-1.5
250 Units on Tape and Reel
1.5
STD
LP2985IBPX-1.5
3000 Units on Tape and Reel
1.8
A
LP2985AIBP-1.8
250 Units on Tape and Reel
1.8
A
LP2985AIBPX-1.8
3000 Units on Tape and Reel
1.8
STD
LP2985IBP-1.8
250 Units on Tape and Reel
1.8
STD
LP2985IBPX-1.8
3000 Units on Tape and Reel
micro SMD, 5 Bump Package (BLA05 - 300 µm ball)
1.8
A
LP2985AIBL-1.8
250 Units on Tape and Reel
1.8
A
LP2985AIBLX-1.8
3000 Units on Tape and Reel
1.8
STD
LP2985IBL-1.8
250 Units on Tape and Reel
1.8
STD
LP2985IBLX-1.8
3000 Units on Tape and Reel
micro SMD, 5 Bump Package (TPA05 - 170 µm ball)
1.8
A
LP2985AITP-1.8
250 Units on Tape and Reel
1.8
A
LP2985AITPX-1.8
3000 Units on Tape and Reel
1.8
STD
LP2985ITP-1.8
250 Units on Tape and Reel
1.8
STD
LP2985ITPX-1.8
3000 Units on Tape and Reel
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com