Electronic Components Datasheet Search
  English  ▼

X  

OPA191IDBVR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191IDBVR
Description  Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA191IDBVR Datasheet(HTML) 33 Page - Texas Instruments

Back Button OPA191IDBVR Datasheet HTML 29Page - Texas Instruments OPA191IDBVR Datasheet HTML 30Page - Texas Instruments OPA191IDBVR Datasheet HTML 31Page - Texas Instruments OPA191IDBVR Datasheet HTML 32Page - Texas Instruments OPA191IDBVR Datasheet HTML 33Page - Texas Instruments OPA191IDBVR Datasheet HTML 34Page - Texas Instruments OPA191IDBVR Datasheet HTML 35Page - Texas Instruments OPA191IDBVR Datasheet HTML 36Page - Texas Instruments OPA191IDBVR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
SAR
ADC
REFP
VINP
VINM
1
4:2
Mux
+
+
+
Antialiasing
Filter
Gain
Network
Gain
Network
High-Voltage Level Translation
VCM
High-Voltage Multiplexed Input
Reference Driver
2
4
Voltage
Reference
RC Filter
Buffer
RC Filter
16 Bits
400 kSPS
Delay
Digital Counter For Multiplexer
CONV
5
3
Very Low Output Impedance
Input-Filter Bandwidth
High-Impedance Inputs
No Differential Input Clamps
Fast Settling-Time Requirements
Attenuate High-Voltage Input Signal
Fast-Settling Time Requirements
Stability of the Input Driver
Attenuate ADC Kickback Noise
VREF Output: Value and Accuracy
Low Temp and Long-Term Drift
Fast logic transition
±20-V,
10-kHz
Sine Wave
±20-V,
10-kHz
Sine Wave
+
+
+
+
Shmidtt
Trigger
Counter
REF3240
Voltage
Divider
OPA350
VCM Generation Circuit
n
n
CH0+
CH0-
CH3+
CH3-
OPA191
OPA191
OPA191
OPA191
OPA140
OPA191
OPA191
Gain
Network
33
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701A – DECEMEBER 2015 – REVISED APRIL 2016
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Applications (continued)
9.2.2 16-Bit Precision Multiplexed Data-Acquisition System
Figure 64 shows a 16-bit, differential, 4-channel, multiplexed, data-acquisition system. This example is typical in
industrial applications that require low distortion and a high-voltage differential input. The circuit uses the
ADS8864, a 16-bit, 400-kSPS successive-approximation-resistor (SAR), analog-to-digital converter (ADC), along
with a precision, high-voltage, signal-conditioning front-end, and a 4-channel differential multiplexer (mux). This
application example shows the process for optimizing the precision, high-voltage, front-end drive circuit using the
OPA191 and OPA140 to achieve excellent dynamic performance and linearity with the ADS8864. The full TI
Precision Design can be found in TIDU181.
Figure 64. OPA191 in 16-Bit, 400-kSPS, 4-Channel, Multiplexed Data Acquisition System for High-Voltage
Inputs With Lowest Distortion
9.2.2.1 Design Requirements
The primary objective is to design a ±20-V, differential, 4-channel, multiplexed, data acquisition system with
lowest distortion using the 16-bit ADS8864 at a throughput of 400 kSPS for a 10-kHz, full-scale, pure sine-wave
input. The design requirements for this block design are:
•
System supply voltage: ±15 V
•
ADC supply voltage: 3.3 V
•
ADC sampling rate: 400 kSPS
•
ADC reference voltage (REFP): 4.096 V
•
System input signal: A high-voltage differential input signal with a peak amplitude of 10 V and frequency
(fIN) of 10 kHz are applied to each differential input of the mux.
9.2.2.2 Detailed Design Procedure
The purpose of this application example is to design an optimal, high-voltage, multiplexed, data-acquisition
system for highest system linearity and fast settling. The overall system block diagram is shown in Figure 64.
The circuit is a multichannel, data-acquisition, signal chain consisting of an input low-pass filter, multiplexer
(mux), mux output buffer, attenuating SAR ADC driver, digital counter for the mux, and the reference driver. The
architecture allows fast sampling of multiple channels using a single ADC, providing a low-cost solution. The two



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com