Electronic Components Datasheet Search
  English  ▼

X  

ACTF2088 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF2088
Description  IF band pass filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2088 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF2088 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2088 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The ACTF2088-140-SMP53 is a high performance IF band pass filter in a surface-mount ceramic
SMP-53
case with center frequency 140.00 MHz.
1. Package Dimension
(SMP-53)
Pin
Configuration
11
Input or balanced Input
12
Input-Ground or balanced Input
5
Output or balanced Output
6
Output-Ground or balanced Output
Others
be grounded
Unit: mm
2. Marking
3. Matching Network (Input and output unbalanced)
Laser Marking
4. Typical Frequency Response
Iss1 C1u
Date 13-7-2011
Page 1 of 2


Similar Part No. - ACTF2088

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF2082 ACT-ACTF2082 Datasheet
974Kb / 4P
SAW BANDPASS FILTER
13-7-2011
ACTF2082-140-SMP03 ACT-ACTF2082-140-SMP03 Datasheet
974Kb / 4P
SAW BANDPASS FILTER
13-7-2011
ACTF2089 ACT-ACTF2089 Datasheet
357Kb / 3P
SAW Filter for Multimedia Applications
13-7-2011
ACTF2089-140-SMP53 ACT-ACTF2089-140-SMP53 Datasheet
357Kb / 3P
SAW Filter for Multimedia Applications
13-7-2011
More results

Similar Description - ACTF2088

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5017G PCA-EPB5017G Datasheet
25Kb / 1P
Band Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FBS-50 SYNERGY-FBS-50 Datasheet
330Kb / 2P
BAND PASS FILTER
FBS-140 SYNERGY-FBS-140 Datasheet
399Kb / 3P
band pass filter
FIS-50 SYNERGY-FIS-50 Datasheet
315Kb / 2P
BAND PASS FILTER
FIS-60 SYNERGY-FIS-60 Datasheet
192Kb / 2P
BAND PASS FILTER
FNS-400 SYNERGY-FNS-400 Datasheet
194Kb / 2P
BAND PASS FILTER
logo
YAGEO Corporation
BPF1608LM02R2400A YAGEO-BPF1608LM02R2400A Datasheet
434Kb / 5P
Band Pass Filter
logo
Advanced Crystal Techno...
ACTF2068 ACT-ACTF2068 Datasheet
330Kb / 2P
IF band pass filter
logo
Mini-Circuits
XBF-24 MINI-XBF-24 Datasheet
511Kb / 6P
Band Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FIS-10.7 SYNERGY-FIS-10.7 Datasheet
192Kb / 2P
BAND PASS FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com