Electronic Components Datasheet Search
  English  ▼

X  

LVR025S Datasheet(PDF) 1 Page - Tyco Electronics

Part # LVR025S
Description  PolySwitch PTC Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR025S Datasheet(HTML) 1 Page - Tyco Electronics

  LVR025S Datasheet HTML 1Page - Tyco Electronics LVR025S Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tyco/Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025-1164
800-227-4856
FAX 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: LVR025S
DOCUMENT: SCD 24785
PCN: 543478
REV LETTER: F
REV DATE: MARCH 21, 2003
PAGE NO.: 1 OF 2
Specification Status: RELEASED
Electrical Rating at 20ºC
Rated Operating Voltage: 240 VAC
Rated Interrupt Current: 3.5 ARMS
Max Interrupt Voltage: 265 VAC
Insulating Material :
Cured, Flame Retardant Epoxy Polymer
Meets UL94 V-0 Requirements.
Lead Material: 22 AWG Sn Plated Copper
Marking:
Raychem Logo
and Voltage
Lot Identification
Part Identification
L025
(can be on back)
240
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
--
9.6
--
17.4
4.3
5.8
7.6
3.8
in*:
--
(0.38)
--
(0.69)
(0.17)
(0.23)
(0.30)
--
--
(0.15)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
IHOLD
RATED
CURRENT
CURRENT RATINGS
TIME TO TRIP
RESISTANCE
POST-TRIP
RESISTANCE
STANDARD
TRIP
NOMINAL
TRIPPED
POWER
DISSIPATION
AMPS
AT 20
oC
OHMS
AT 20
oC
AMPS AT
20
oC
HOLD
HOLD
TRIP
SECONDS AT
20
oC, 1.25A
MAX
MIN
MAX
OHMS
AT 20
oC
MAX
WATTS
AT 20
oC
0.25
0.25
0.56
18.5
1.3
2.1
3.8
1.5
Recognitions:
UL, CSA, TUV recognized.
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
Warning:
Refer to Page 2 of this document for application limitations.


Similar Part No. - LVR025S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR025S MACOM-LVR025S Datasheet
212Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR025S MACOM-LVR025S Datasheet
570Kb / 18P
PolySwitch??Resettable Device Short Form Catalog
LVR025S MACOM-LVR025S Datasheet
408Kb / 27P
PolySwitch Resettable Devices
LVR025S MACOM-LVR025S Datasheet
219Kb / 10P
PolySwitch Resettable Devices Line-Voltage-Rated Devices
logo
Littelfuse
LVR025S LITTELFUSE-LVR025S Datasheet
359Kb / 3P
PolySwitch PTC Devices
More results

Similar Description - LVR025S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RXEF030 LITTELFUSE-RXEF030 Datasheet
348Kb / 2P
PolySwitch PTC Devices
RXEF050 LITTELFUSE-RXEF050 Datasheet
345Kb / 2P
PolySwitch PTC Devices
RXEF135 LITTELFUSE-RXEF135 Datasheet
344Kb / 2P
PolySwitch PTC Devices
SMD075F-60 LITTELFUSE-SMD075F-60 Datasheet
327Kb / 2P
PolySwitch PTC Devices
SMD125F LITTELFUSE-SMD125F Datasheet
328Kb / 2P
PolySwitch PTC Devices
SMD150F LITTELFUSE-SMD150F Datasheet
328Kb / 2P
PolySwitch PTC Devices
SMD150F-33-2920 LITTELFUSE-SMD150F-33-2920 Datasheet
97Kb / 2P
PolySwitch PTC Devices
SMD250F-15-2920 LITTELFUSE-SMD250F-15-2920 Datasheet
97Kb / 2P
PolySwitch PTC Devices
SMDC125F-33 LITTELFUSE-SMDC125F-33 Datasheet
347Kb / 2P
PolySwitch PTC Devices
SMDC185F-33 LITTELFUSE-SMDC185F-33 Datasheet
104Kb / 2P
PolySwitch PTC Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com