Electronic Components Datasheet Search
  English  ▼

X  

SLR4 Datasheet(PDF) 1 Page - ELESTA GmbH

Part # SLR4
Description  SLR 4 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELESTA [ELESTA GmbH]
Direct Link  https://www.elesta-gmbh.com/
Logo ELESTA - ELESTA GmbH

SLR4 Datasheet(HTML) 1 Page - ELESTA GmbH

  SLR4 Datasheet HTML 1Page - ELESTA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Copyright
11/2014
Fon:
+41 (0)81 303 54 00
Fax:
+41 (0)81 303 54 01
ELESTA GmbH, Heuteilstrasse 18,
CH - 7310 Bad Ragaz, Switzerland
Circuit Diagram (view on relay upper side)
SLR312
33
34
43
44
12
11
23
24
A2
A1
A2
A1
SLR222
33
34
42
41
12
11
23
24
Insulation Data
- Basic insulation
at 250 VAC
- Air and creepage distance
>4 mm
- Test voltage
2500 V / 50 Hz / 1 min
- Double or reinforced insulation
at 250 VAC
- Air and creepage distance
>8 mm
- Test voltage
4000 V / 50 Hz / 1 min
- Double or reinforced insulation
at 250 VAC
- Air and creepage distance
>10 mm
- Test voltage
5000 V / 50 Hz / 1 min
Test voltage contact open
1500 V / 50 Hz / 1 min
Creepage resistance
CTI 250
Pollution degree
2
Overvoltage category
III
Insulation resistance at Up 500 VDC
>100 MΩ
Additional Data
Mechanical endurance
>10 x 106 operations
Switching frequency, mechanical
15 Hz
Response time (all NO closed)
typically 15 ms
Drop-out time** (all NC closed)
typically 4 ms
Bounce time of NO contact
typically 6 ms
Bounce time of NC contact
typically 12 ms
Shock resistance 16 ms
NO > 10g
NC > 6g
Vibration resistance
NO > 5g
(10-200 Hz)
NC > 1,5g
Resistance to short circuiting contacts
1000 A SCPD 10 A gG / gL (pre-fuse)
Ambient temperature
-40°C to +70°C
Thermal Resistance
55 K / W
Temperature limit for coil
120°C
Weight
ca. 30 g
Mounting position
any
Type of protection
RT II
Solder bath temperature
270°C / 5 s
**without spark suppression
Tests, Regulations
Approvals
UL File E188953
Sec. 3
Insulation class IEC 60664-1
250 VAC
Protection class II
VDE 0106
Fire protection requirements
UL 94 / V0
Options, Accessories
none available
Product Key
SLR 3 1 2 24VDC
Coil voltage
Soldering tags
Number of NC contacts
Number of NO contacts
Type designation
Contact Lifetime NO-Contacts
AC 1:230V
AC 1:230V
DC 1: 24V
DC 1: 24V
AC 15: 230V
AC 15: 230V
DC 13: 24V
DC 13: 24V
10000
1000
100
10
0,1
0,5
1,0
5,0
10
Maximal switching characteristics (DIN EN60947-5-1,
Tab. C2)
AC 15:
230 V / 5 A
DC 13:
24 V / 7,5 A / 0,1 Hz
UL 508:
C600 / R300
Maximal contact load at AC 1 with 230 V:
2 contacts with 10 A each
3 contacts with 8,4 A each
Load Limit Curve with Direct Current
1)
0
0,1
0,2
0,3
0,4
0,6
0,8
1
2
3
4
6
8
10
50
100
150
200
250
1
2
Inductive load L/R 40 ms
2) Resistive load
Excitation Voltage Range
1)
0
0
0,5
1,0
1,5
2,0
2,5
3,0
20
40
60
80
100
UB
UN
1
2
Max. excitation voltage with contact load: ≤6 A
2) Min. excitation voltage (guaranteed values) without
previous operation
No heat accumulation due to intrinsic heating of
other components. Continuous duty 100%.
Switching Current (A) →
Voltage (VDC) →
Ambient Temperature °C →
Relay Key Data
- PCB Relay with forcibly guided contacts
- Protective separation between coil/control contacts
(>8 mm) as well as protective separation between the
output contacts themselves (>10 mm)
- EN50205 type A
- Contact mounting:
SLR312
3 NO / 1 NC
SLR222
2 NO / 2 NC
- Small external dimensions
- Nominal coil power 0,6 W
- Holding coil power 0,18 W
- Coils for railway applications (EN 50155) on request
Dimensions
53,3
0,4 0,6
20,5
2,9
6,4
6,46,4
10,7
33,4
13,7 11,3 1,4
3
1
4
20,5
Ø 1,3
6,4
6,4
10,7
2,9
[mm]
Contact Data
Contact material
AgSnO2 + 0,2 μm Au
Type of contact
Crest contact
Rated switching capacity
250 VAC 10 A AC1 2500 VA
Electr. life AC 1(360 cycles / h)
approx.100000
Inrush current max.
25 A for 20 ms
Switching voltage range
5 to 250 VDC / VAC
Switching current range*
10 mA to 10 A
Switching capacity range*
60 mW to 2500 W(VA)
Contact resistance (as delivered) ≤100 mΩ / 6 V / 100 mA
*Guided values
Standard coils for direct current
(other voltages on request)
5
3,5
≥0,5
121,0
41 ± 10%
6
4,2
≥0,6
100,0
60 ± 10%
12
8,4
≥1,2
50,0
240 ± 10%
18
12,6
≥1,8
33,3
540 ± 10%
24
16,8
≥2,4
25,2
950 ± 10%
48
33,6
≥4,8
12,6
3800 ± 10%
60
42,0
≥6,0
10,0
6000 ± 13%
110
77,0
≥11,0
5,5
20000 ± 15%
Component Side
SLR 4 Series


Similar Part No. - SLR4

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLR SONGLERELAY-SLR Datasheet
3Mb / 2P
30A switching capability
logo
Littelfuse
SLR LITTELFUSE-SLR Datasheet
297Kb / 2P
Solid-State Relay - Non-Isolated
2016 Rev: 1-A-062716
logo
Lapp.
SLR LAPP-SLR Datasheet
289Kb / 1P
Strain relief cable glands
logo
YAGEO Corporation
SLR YAGEO-SLR Datasheet
1Mb / 8P
Cement Resistors
Aug. 12, 2024 V.2
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
More results

Similar Description - SLR4

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR343BC7TT32 ROHM-SLR343BC7TT32 Datasheet
164Kb / 5P
SLR-343 Series
SLR-56VR3F ROHM-SLR-56VR3F Datasheet
899Kb / 4P
SLR-56 Series
SLR-332DC3F ROHM-SLR-332DC3F Datasheet
868Kb / 4P
SLR-332 Series
SLR-342VR3F ROHM-SLR-342VR3F Datasheet
878Kb / 4P
SLR-342 Series
SLR343ECT3F ROHM-SLR343ECT3F Datasheet
176Kb / 5P
SLR-343 Series
logo
ELESTA GmbH
SIF4 ELESTA-SIF4 Datasheet
279Kb / 1P
SIF 4 Series
SIM4 ELESTA-SIM4 Datasheet
286Kb / 1P
SIM 4 Series
SIR4 ELESTA-SIR4 Datasheet
269Kb / 1P
SIR 4 Series
SIR4P ELESTA-SIR4P Datasheet
252Kb / 1P
SIR 4 Power Series
SIS4 ELESTA-SIS4 Datasheet
284Kb / 1P
SIS 4 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com