Electronic Components Datasheet Search
  English  ▼

X  

M2001 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # M2001
Description  Ceramic/Cermet Attenuator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M2001 Datasheet(HTML) 1 Page - Vishay Siliconix

  M2001 Datasheet HTML 1Page - Vishay Siliconix M2001 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M2001C
Vishay Draloric
Document Number: 20152
For Technical Questions contact: ff1aresistors@vishay.com
www.vishay.com
Revision 14-Jan-03
1
Ceramic/Cermet Attenuator
FEATURES
• Symetrical T-Pad for control and/or reduction of signals on
high frequency lines
• Applicable for frequencies up to 1GHz
• Matched to the characteristic impedance of coaxial
antenna cable
• Metal shielded
• For vertical mounting
• Applications: home cable TV, satelite TV, cable amplifiers,
VHF/UHF output amplifiers
STANDARD ELECTRICAL SPECIFICATIONS
Resistive Element
Cermet, on ceramic substrate
Wiper Contact
Metal
Impedance
75R, (50R on special request)
Nominal Attenuation and Tolerance
20dB + 5 - 2dB
Insertion Loss up to 860MHz
£ 1dB
Reflexion Attenuation at 860MHz
≥ 14dB
Adjustable Minimum Attenuation
0.5dB
Operating Temperature Range
- 25°C to + 90°C
Resistance to Soldering Heat
DIN 40046 sheet 18, (not suited for IR-soldering)
ORDERING INFORMATION
M2001C
S2
75R
20dB
3U
MODEL
STYLE
IMPEDANCE
ATTENUATION
TURNS


Similar Part No. - M2001

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2001 MTRONPTI-M2001 Datasheet
310Kb / 2P
5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M2001 MTRONPTI-M2001 Datasheet
350Kb / 3P
5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M2001 MTRONPTI-M2001 Datasheet
509Kb / 3P
M2001 Series 5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
logo
MPS Industries, Inc.
M2001 MPSIND-M2001 Datasheet
164Kb / 1P
MEDICAL GRADE POWER TRANSFORMER
M2001-12 MPSIND-M2001-12 Datasheet
164Kb / 1P
MEDICAL GRADE POWER TRANSFORMER
More results

Similar Description - M2001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VR24 ETC-VR24 Datasheet
415Kb / 1P
CERMET TRIMMING POTENTIOMETERS
logo
Bi technologies
23AR10KLFTR BITECH-23AR10KLFTR_11 Datasheet
132Kb / 3P
Cermet Trimming Potentiometer
25PR10KLFTR BITECH-25PR10KLFTR_14 Datasheet
383Kb / 4P
Cermet Trimming Potentiometer
30WR10KLFTR BITECH-30WR10KLFTR_10 Datasheet
76Kb / 3P
Cermet Trimming Potentiometer
36WR10KLF BITECH-36WR10KLF_09 Datasheet
78Kb / 3P
Cermet Trimming Potentiometer
43WR10KLF BITECH-43WR10KLF_09 Datasheet
68Kb / 3P
Cermet Trimming Potentiometer
68PFR10KLF BITECH-68PFR10KLF Datasheet
272Kb / 3P
Cermet Trimming Potentiometer
67PFR10KLF BITECH-67PFR10KLF Datasheet
474Kb / 3P
Cermet Trimming Potentiometer
logo
Suntan Capacitors
TSR-3269 SUNTAN-TSR-3269_17 Datasheet
267Kb / 1P
Cermet-Ceramic Trimmer Potentiometer ??3269
logo
TT Electronics.
MODEL67 TTELEC-MODEL67 Datasheet
550Kb / 3P
Cermet Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com