Electronic Components Datasheet Search
  English  ▼

X  

LP2985IM5-2.0 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2985IM5-2.0
Description  Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985IM5-2.0 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP2985IM5-2.0 Datasheet HTML 3Page - National Semiconductor (TI) LP2985IM5-2.0 Datasheet HTML 4Page - National Semiconductor (TI) LP2985IM5-2.0 Datasheet HTML 5Page - National Semiconductor (TI) LP2985IM5-2.0 Datasheet HTML 6Page - National Semiconductor (TI) LP2985IM5-2.0 Datasheet HTML 7Page - National Semiconductor (TI) LP2985IM5-2.0 Datasheet HTML 8Page - National Semiconductor (TI) LP2985IM5-2.0 Datasheet HTML 9Page - National Semiconductor (TI) LP2985IM5-2.0 Datasheet HTML 10Page - National Semiconductor (TI) LP2985IM5-2.0 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Typical Performance Characteristics Unless otherwise specified: C
IN = 1µF, COUT = 4.7µF,
VIN =VOUT(NOM) +1, VOUT = 1.8V, TA = 25˚C, ON/OFF pin is tied to VIN (Continued)
Output Impedance vs Frequency
Output Impedance vs Frequency
10129527
10129532
Noise Density
Noise Density
10129533
10129537
Ground Pin vs Load Current
Minimum Input Voltage vs Temperature
10129513
10129509
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com