Electronic Components Datasheet Search
  English  ▼

X  

446-K Datasheet(PDF) 1 Page - ETAL Group

Part # 446-K
Description  Heavy duty vehicles, battery systems, process control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

446-K Datasheet(HTML) 1 Page - ETAL Group

  446-K Datasheet HTML 1Page - ETAL Group 446-K Datasheet HTML 2Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Performance Thermal-Magnetic Circuit Breakers 446/447/449
www.e-t-a.de
1646
1
1
Description
Typical applications
Ordering information
Approvals
Technical data
Single pole thermal-magnetic circuit breakers with tease-free, trip-free,
press-to-reset snap action mechanism and special dual button manual
release which avoids the danger of unintended disconnection (M-type
TM CBE to EN 60934). Surface mounted, compact design available
with fast acting, standard and delayed switching characteristics.
Options include auxiliary contact and remote electrical disconnection.
Heavy duty vehicles, battery systems, process control.
446-...
447-...
449-...
Standard current ratings and typical internal resistance values
Type No.
446
single pole base mounting, fast characteristic curve
447
single pole base mounting, medium delay characteristic curve
449
single pole base mounting, delayed characteristic curve
Terminal design, mounting
K
screw terminals M12, insertion nuts M8
Manual release
H
standard
Version
N
general application (type 446 only)
FN general application (types 447 and 449 only)
Auxiliary contacts (optional)
Si 2 electrically separate auxiliary contacts
with screw terminals M3.5 and
blade terminals DIN 46244-C-MS-S
Remote trip (optional for types 447 and 449)
FA24 DC 24 V coil voltage
Current ratings
30...400 A type 446
100...400 A type 447
125...500 A type 449
447 - K - H - FN - ... - ... - 400 A
ordering example
The exact part number required can be built up from the table of choices
shown above. Ordering references for optional features should be omitted if not
required.
Voltage rating
DC 28 V
Current rating range
type 446: 30...400 A
type 447: 100...400 A
type 449: 125...500 A
Auxiliary circuit
10 A
Electrical remote disconnection (-FA)
operating voltage
DC 12 V or DC 24 V
operating current
approx. 18 A or 12 A
max. pulse time
10 ms < tON < 20 ms / tOFF > 10 s
switching time
< 20 ms
Typical life
1,000 operations at IN
2,000 operations mechanical
Ambient temperature
-55...+75 °C (-67...+167 °F)
Insulation co-ordination
rated impulse
pollution
(IEC 60664 and 60664A)
withstand voltage
degree
1.5 kV
3
Dielectric strength
(IEC 60664 and 60664A)
test voltage
operating area
AC 1,500 V
main circuit to
auxiliary contacts
AC 1,500 V
Insulation resistance
> 100 MΩ (DC 500 V)
Interrupting capacity Icn
10,000 A
Degree of protection
operating area IP40
(IEC 60529/DIN 40050)
terminal area IP00
Vibration
to VG 95210, sheet 19,
IEC 60068-2-6, test Fc:
without aux. contacts:
10 g (56-500 Hz), ± 0.76 mm (10-55 Hz)
with auxiliary contacts: 4 g (56-500 Hz), ± 0.30 mm (10-56 Hz)
Shock
to VG 95210, sheet 28,
IEC 60068-2-27, test Ea:
without aux. contacts:
50 g (11 ms)
with auxiliary contacts: 20 g (11 ms)
Corrosion
96 hours at 5 % salt mist
to VG 95210, sheet 2,
IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to VG 95210, sheet 7,
IEC 60068-2-3, test C
Mass
approx. 850 g
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications
without notice is reserved.Product markings may not be exactly as the ordering codes.
Errors and omissions excepted.
Current
ratings (A)
Internal
resistance (Ω)
Current
ratings (A)
Internal
resistance (Ω)
Type 446:
Type 447:
30
0.006
100
< 0.002
40
0.0048
125
< 0.001
50
0.0038
160
< 0.001
60
0.0028
225
< 0.001
70
0.0025
300
< 0.001
80
0.0023
400
< 0.001
90
0.0019
Type 449:
100
0.0016
125
< 0.001
125
< 0.001
160
< 0.001
150
< 0.001
225
< 0.001
170
< 0.001
315
< 0.001
200
< 0.001
350
< 0.001
225
< 0.001
400
< 0.001
250
< 0.001
500
< 0.001
300
< 0.001
only with 50 % ON duty
350
< 0.001
400
< 0.001
Authority
Standard
Rated voltage Current ratings
Type 446/
Type 447
UL
UL 1077
DC 28 V
up to 400 A
CSA
C22.2 No 235
DC 28 V
up to 400 A
Type 449:
UL
UL 1077
DC 28 V
100...350 A
CSA
C22.2 No 235
DC 28 V
100…350 A
Bw
95345, part 15
DC 28 V
125...500 A


Similar Part No. - 446-K

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
446-K-H-FN-SI-FA24-100 ETA-446-K-H-FN-SI-FA24-100 Datasheet
212Kb / 2P
High Performance Thermal-Magnetic Circuit Breakers 446/447/449
2013/14
logo
E-T-A Elektrotechnische...
446-K-H-FN-SI-FA24-100A E-T-A-446-K-H-FN-SI-FA24-100A Datasheet
227Kb / 2P
High Performance Thermal-Magnetic Circuit Breakers 446/447/449
446-K-H-FN-SI-FA24-101A E-T-A-446-K-H-FN-SI-FA24-101A Datasheet
227Kb / 2P
High Performance Thermal-Magnetic Circuit Breakers 446/447/449
446-K-H-FN-SI-FA24-102A E-T-A-446-K-H-FN-SI-FA24-102A Datasheet
227Kb / 2P
High Performance Thermal-Magnetic Circuit Breakers 446/447/449
446-K-H-FN-SI-FA24-103A E-T-A-446-K-H-FN-SI-FA24-103A Datasheet
227Kb / 2P
High Performance Thermal-Magnetic Circuit Breakers 446/447/449
More results

Similar Description - 446-K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SP12T INFINEON-SP12T Datasheet
1Mb / 2P
TYRE PRESSURE SENSOR FOR HEAVY VEHICLES
2003
logo
Allegro MicroSystems
ACS750XCA-050 ALLEGRO-ACS750XCA-050 Datasheet
499Kb / 12P
Industrial systems, Motor control, Power conversion, Battery monitors, Automotive systems
ACS750XCA-100 ALLEGRO-ACS750XCA-100 Datasheet
508Kb / 12P
Industrial systems, Motor control, Power conversion, Battery monitors Automotive systems
logo
List of Unclassifed Man...
SP12T-T7 ETC2-SP12T-T7 Datasheet
1Mb / 2P
TYRE PRESSURE SENSOR FOR HEAVY VEHICLES
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
Heavy duty applications
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
Process control systems, instrumentation, rail vehicles
3600-P10 ETAL-3600-P10 Datasheet
310Kb / 4P
Process control systems, instrumentation, communications systems,
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
482-G ETAL-482-G Datasheet
261Kb / 4P
Extra low voltage wiring systems on all types of vehicles for land, sea and air, battery powered machines, process control
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
Heavy Duty Flashlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com