Electronic Components Datasheet Search
  English  ▼

X  

9130B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9130B
Description  Three independent and electrically isolated outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9130B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9130B Datasheet HTML 1Page - List of Unclassifed Manufacturers 9130B Datasheet HTML 2Page - List of Unclassifed Manufacturers 9130B Datasheet HTML 3Page - List of Unclassifed Manufacturers 9130B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Programmable Triple Output DC Power Supplies
9130B Series
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2015
The 9130B Series triple output linear
programmable DC power supplies feature isolated
outputs that can be adjusted independently or
combined in series or parallel to output higher
voltage or current. Additionally, these supplies
can operate in tracking mode with
user-configurable ratios between channels.
The front panel keys and rotary knob with
convenient cursors let users quickly set voltage
and current values. Up to 36 different instrument
settings can be saved and recalled. The power-on
state of the outputs can also be configured.
For remote control, the standard USB (USBTMC-
compliant), RS232, and GPIB interfaces
Features
I
Three independent and electrically isolated
outputs
I
Displays voltage and current settings for all
three channels simultaneously
I
Low noise, linear regulation
I
High programming and readback resolution of
1 mV / 1 mA
I
Series and parallel modes combine channels to
increase the output voltage or current
I
Tracking mode allows users to set up channels
to maintain a programmed ratio
I
Fully programmable channels with Output
On/Off control
I
Store and recall up to 36 instrument settings
I
Remote sense
I
Timer-controlled output function adjustable
from 0.1 – 99999.9 s
I
Standard USB (USBTMC-compliant), RS232,
and GPIB interfaces supporting SCPI
commands for remote control
I
NI certified LabVIEW driver and softpanel for
remote control, test sequence generation, and
datalogging available
I
Overvoltage (OVP) and overtemperature (OTP)
protection including keylock function
I
Compact 19” half-rack form factor allows for
side-by-side rack mounting of two units
Model
9130B
9131B
9132B
Voltage
0 - 30 V (Ch1 & Ch2)
0 - 5 V (Ch3)
0 - 30 V (Ch1 & Ch2)
0 - 5 V (Ch3)
0 - 60 V (Ch1 & Ch2)
0 - 5 V (Ch3)
Current
0-3 A (Ch1, Ch2 & CH3)
0-6 A (Ch1 & Ch2)
0 - 3 A (Ch3)
0-3 A (Ch1, Ch2 & Ch3)
supporting SCPI commands can be used to
remotely control the power supplies via a PC.
Alternatively, users can control the power supply,
execute test sequences or log measurements
using the provided PC software application. This
software also integrates with Data Dashboard for
LabVIEW apps enabling iOS, Android, or
Windows 8 compatible tablets or smartphones to
remotely monitor select measurement indicators.
These power supplies are suitable for a wide
range of applications including production
testing, telecommunications, R&D, electronic
service, and labs.


Similar Part No. - 9130B

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
9130B BK-9130B Datasheet
511Kb / 4P
Programmable Triple Output DC Power Supplies
More results

Similar Description - 9130B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q4004F312 ETC2-Q4004F312 Datasheet
236Kb / 10P
Electrically-isolated packages
logo
IXYS Corporation
IXKC15N60C5 IXYS-IXKC15N60C5 Datasheet
119Kb / 4P
Electrically isolated back surface Electrically isolated back surface
logo
AAEON Technology
EMB-Q87A AAEON-EMB-Q87A Datasheet
354Kb / 2P
three independent display
EMB-Q87B AAEON-EMB-Q87B Datasheet
356Kb / 2P
three independent display
EMB-Q170A AAEON-EMB-Q170A Datasheet
302Kb / 2P
three independent display
logo
Analog Devices
ADP5070 AD-ADP5070 Datasheet
1,023Kb / 28P
Independent Positive and Negative Outputs
REV. A
ADP5071 AD-ADP5071 Datasheet
1,002Kb / 28P
Independent Positive and Negative Outputs
REV. A
logo
List of Unclassifed Man...
1672 ETC2-1672 Datasheet
1Mb / 3P
Three independent outputs
logo
Recom International Pow...
RU-RUM RECOM-RU-RUM Datasheet
97Kb / 2P
Twin Independent Outputs
RUM RECOM-RUM Datasheet
97Kb / 2P
Twin Independent Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com