Electronic Components Datasheet Search
  English  ▼

X  

9151 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9151
Description  Excellent display resolution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9151 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9151 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9151 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
www.bkprecision.com
Single Output Programmable DC Power Supplies
Models 9150, 9151, 9152 & 9153
User accessible fuse
Temperature controlled
cooling fan
Serial interface connector for RS232 or
USB communication
Remote Sense and digital
port functionality
Remote Interface
The power supplies can be remotely controlled
from any PC through a USB (virtual com)
interface, allowing the user to program and
monitor all parameters through easy to use SCPI
commands. The power supplies come with a USB
to TTL serial converter. The average command
processing time is 35 ms.
Rear panel
L
Extra Features
The 9150 series’ digital port offers a variety of
configurations. The port provides Digital Input,
external Trigger and Remote Inhibit (RI)
functionality.
The RI mode can be used for turning several
power supplies On/Off simultaneously. External
triggering can be used in combination with List
mode.
v042616
Specifications
9150
9151
9152
9153
Output ratings
( 0 °C~40 °C)
0 - 5.2 V
0 - 60 A
0 - 20 V
0 - 27 A
0 - 30 V
0 - 18 A
0 - 60 V
0 - 9 A
Load regulation
±(% of output+offset)
<0.01% + 2 mV
<0.1% + 10 mA
<0.01% + 1 mV
<0.1% + 5 mA
<0.01% + 1 mV
<0.1% + 2 mA
Line regulation
±(% of output+offset)
<0.02% + 0.1 mV
<0.1% + 1 mA
<0.02% + 1 mV
<0.01% + 1 mA
<0.02% + 1 mV
<0.01% + 0.1 mA
Programming resolution
0.1 mV
1 mA
1 mV
1 mA
1 mV
0.1 mA
Readback/meter resolution
0.1 mV
1 mA
0.1 mV
0.1 mA
0.1 mV
0.1 mA
Front panel
setting resolution
0.1 mV
1 mA
0.5 mV
1 mA
0.5 mV
1 mA
Programming accuracy
12 months (25 °C ± 5 °C) ±(% of output+offset)
<0.02%+2 mV
<0.1%+30 mA
<0.02%+6 mV
<0.1%+15 mA
<0.02%+12 mV
<0.05%+10 mA
Readback/ meter accuracy
12 months (25 °C ± 5 °C) ±(% of output+offset)
<0.02%+1.5 mV
<0.05%+15 mA
<0.02%+3 mV
<0.05%+10 mA
<0.02%+6 mV
<0.05%+5 mA
Ripple & noise
(20 Hz ~20 MHz)
≤4 mVp-p
15 mArms
≤4 mVp-p
5 mArms
≤5 mVp-p
3 mArms
Temperature coefficient,
(0 °C~40 °C) ±(% of output+offset)
<0.02%+2 mV
<0.1%+30 mA
<0.02%+5 mV
<0.1%+15 mA
<0.02%+10 mV
<0.05%+5 mA
Readback temperature coefficient,
±(% of output+offset)
<0.02%+2 mV
<0.1%+20 mA
<0.02%+5 mV
≤0.05%+10 mA
<0.02%+10 mV
≤0.05%+5 mA
Transient response (for a change from 0 to
50% of maximum rated current)
100 µs for output to
recover to within 75 mV
120 µs for output to
recover to within 75 mV
100 µs for output to
recover to within 50 mV
50 µs for output to
recover to within 50 mV
DVM accuracy
0~12V range: 0.02%+2mV
0~40V range: 0.02%+3mV
DVM resolution
0~12V range: 0.1mV
0~40V range: 1mV
Milliohm meter accuracy
0.1% (for voltage and current
≥10% of full scale)
0.3% (for voltage and current
≥3% of full scale)
AC input
115 V/220 VAC ± 10%, 47 to 63 Hz
Weight
63.9 lbs, (29 kg)
Dimensions (W x H x D)
16.88” x 3.47” x 18.06” (429 x 88 x 459 mm)
Three-Year Warranty
Standard accessories
User manual, power cord, USB to TTL serial converter, application software installation disk, and certificate of calibration
Optional accessories
IT-E151 rack mount kit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com