Electronic Components Datasheet Search
  English  ▼

X  

MAX1951ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1951ESA
Description  PLASTIC ENCAPSULATED DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1951ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1951ESA Datasheet HTML 1Page - Maxim Integrated Products MAX1951ESA Datasheet HTML 2Page - Maxim Integrated Products MAX1951ESA Datasheet HTML 3Page - Maxim Integrated Products MAX1951ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1951ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1951ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1951ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1951ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Conclusion
The MAX1951 successfully meets the quality and reliability standards required of all Maxim products. In addition,
Maxim’s continuous reliability monitoring program ensures that all outgoing product will continue to meet Maxim’s quality
and reliability standards.
Table of Contents
I. ........Device Description
V. ........Quality Assurance Information
II. ........Manufacturing Information
VI. .......Reliability Evaluation
III. .......Packaging Information
IV. .......Die Information
.....Attachments
I. Device Description
A. General
The MAX1951 high-efficiency, DC-to-DC step-down switching regulator delivers up to 1.5A of output current. The
device operates from an input voltage range of 2.6V to 5.5V and provides an output voltage from 0.8V to VIN, making
the MAX1951 ideal for on-board postregulation applications. The MAX1951 total output error is less than 1% over
load, line, and temperature.
The MAX1951 operates at a fixed frequency of 1MHz with an efficiency of up to 94%. The high operating frequency
minimizes the size of external components. Internal soft-start control circuitry reduces inrush current. Short-circuit
and thermal-overload protection improve design reliability.
The MAX1951 provides an adjustable output from 0.8V to VIN. The device ia available in a space-saving 8-pin SO
package.
B. Absolute Maximum Ratings
Item
Rating
IN, VCC to GND
-0.3V to +6V
COMP, FB, REF to GND
-0.3V to (VCC + 0.3V)
LX to Current (Note 1)
±4.5A
PGND to GND
Internally Connected
Operating Temperature Range
-40°C to +85°C
Junction Temperature Range
-40°C to +150°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
Continuous Power Dissipation (TA = +70°C)
8-Pin SO
976mW
Derates above +70
°C
8-Pin SO
12.12mW/°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com