Electronic Components Datasheet Search
  English  ▼

X  

MAX2247 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2247
Description  2.4GHz SiGe Linear Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2247 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2247 Datasheet HTML 1Page - Maxim Integrated Products MAX2247 Datasheet HTML 2Page - Maxim Integrated Products MAX2247 Datasheet HTML 3Page - Maxim Integrated Products MAX2247 Datasheet HTML 4Page - Maxim Integrated Products MAX2247 Datasheet HTML 5Page - Maxim Integrated Products MAX2247 Datasheet HTML 6Page - Maxim Integrated Products MAX2247 Datasheet HTML 7Page - Maxim Integrated Products MAX2247 Datasheet HTML 8Page - Maxim Integrated Products MAX2247 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2.4GHz SiGe Linear Power Amplifier
_______________________________________________________________________________________
3
Note 1: This device is constructed using a unique set of packaging techniques that impose a limit on the thermal profile the device
can be exposed to during board-level solder attach and rework. This limit permits the use of only the solder profiles recom-
mended in the industry-standard specification, JEDEC 020A, paragraph 7.6, Table 3 for IR/VPR and convection reflow.
Preheating is required. Hand or wave soldering is not recommended.
Note 2: Characteristics are production tested at TA = +25°C. DC specifications over temperature are guaranteed by design
and characterization.
Note 3: Idle current is controlled by external DAC for best efficiency over the entire output power range.
Note 4: Parameter is measured with RF modulation based on IEEE 802.11b standard.
Note 5: Minimum and maximum specifications are guaranteed by design and characterization.
Note 6: Operation outside this range is possible but not guaranteed.
Note 7: The total turn-on time required for PA output power to settle to within 0.5dB of the final value.
Note 8: Specification is corrected for PC board loss of approximately 0.3dB, on the output of the MAX2247 EV kit.
Note 9: Total turn-off time required for PA supply current to fall below 10µA.
Note 10: See the Typical Operating Characteristics for statistical variation.
AC ELECTRICAL CHARACTERISTICS
(MAX2247 EV kit, VCC_ = +3V, fRF = 2.45GHz, SHDN = VCC, 50Ω RF system impedance, TA = +25°C, unless otherwise noted.) (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency Range
(Notes 4, 6)
2.4 to 2.5
GHz
TA = +25°C
26
29.5
VCC_ = 3V, POUT = +23dBm
TA = -40°C to +85°C
25
VCC_ = 3.3V, POUT = +24dBm
29.5
Power Gain (Notes 2, 4, 8)
VCC_ = 4.2V, POUT = +25dBm
30.5
dB
Gain Variation Over Supply
Voltage (Note 4)
VCC = 3.0V to 3.6V
±0.5
dB
VCC_ = 3V
22
23
VCC_ = 3.3V
24
Output Power Over Temperature
(Notes 4, 8)
ACPR: First-side lobe < -32dBc,
second-side lobe < -55dBc
VCC_ = 4.2V
25
dBm
Saturated Output Power
PIN = +5dBm
27.8
dBm
Harmonic Output (2f, 3f, 4f)
-45
dBc
Input VSWR
Over full PIN range
1.8:1
2.5:1
Output VSWR
Over full POUT range
2:1
2.5:1
Power Ramp Turn-On Time
(Note 7)
0.8
1.5
µs
Power Ramp Turn-Off Time
(Note 9)
0.8
1.5
µs
RF Output Detector
Response Time
0.9
µs
POUT = +23dBm
1
POUT = +15dBm
0.6
RF Output Detector Voltage
(Note 10)
POUT = +7dBm
0.47
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com