Electronic Components Datasheet Search
  English  ▼

X  

DS-0108 Datasheet(PDF) 3 Page - All Sensors Corporation

Part # DS-0108
Description  MiniatureLowPressureSensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DS-0108 Datasheet(HTML) 3 Page - All Sensors Corporation

  DS-0108 Datasheet HTML 1Page - All Sensors Corporation DS-0108 Datasheet HTML 2Page - All Sensors Corporation DS-0108 Datasheet HTML 3Page - All Sensors Corporation DS-0108 Datasheet HTML 4Page - All Sensors Corporation DS-0108 Datasheet HTML 5Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
All Sensors
DS-0108 Rev A
Minimum
9.0
18.0
Parameter, note 1
Operating Range, differential pressure
Output Span, @ 2 “H2O, note 5
Operating Range, differential pressure
Output Span, @ 4 “H2O, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Shift (0°C-50°C), @ 2 “H2O, note 2
Nominal
2.0
10.0
4.0
20.0
0.05
Maximum
11.0
22.0
±500
±250
±100
±50
±200
0.25
±200
Units
“H2O
mV
mV
mV
uV
uV
uV
uV
uV
%fs
uV
Performance Characteristics for 2 INCH-Dx-MV-MINI
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-50°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Shift (0°C-50°C), note 2
Nominal
5.0
20.0
0.05
Maximum
21.0
±500
±150
±50
±10
±100
0.25
±200
Units
“H2O
mV
uV
uV
uV
uV
uV
%fs
uV
Minimum
19.0
Parameter, note 1
Operating Range, differential pressure
Output Span, note 5
Offset Voltage @ zero differential pressure
Offset Temperature Shift (0°C-70°C), note 2
Offset Warm-up Shift, note 3
Offset Position Sensitivity (1g)
Offset Long Term Drift (one year)
Linearity, hysteresis error, note 4
Span Shift (0°C-70°C), note 2
Nominal
10.0
20.0
0.05
Maximum
21.0
±500
±150
±50
±5
±100
0.25
±200
Units
“H2O
mV
uV
uV
uV
uV
uV
%fs
uV
Minimum
19.0
Performance Characteristics for 5 INCH-Dx-MV-MINI
Performance Characteristics for 10 INCH-Dx-MV-MINI



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com