Electronic Components Datasheet Search
  English  ▼

X  

FPSS025B Datasheet(PDF) 11 Page - All Sensors Corporation

Part # FPSS025B
Description  FPS SERIES PRESSURE SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

FPSS025B Datasheet(HTML) 11 Page - All Sensors Corporation

Back Button FPSS025B Datasheet HTML 3Page - All Sensors Corporation FPSS025B Datasheet HTML 4Page - All Sensors Corporation FPSS025B Datasheet HTML 5Page - All Sensors Corporation FPSS025B Datasheet HTML 6Page - All Sensors Corporation FPSS025B Datasheet HTML 7Page - All Sensors Corporation FPSS025B Datasheet HTML 8Page - All Sensors Corporation FPSS025B Datasheet HTML 9Page - All Sensors Corporation FPSS025B Datasheet HTML 10Page - All Sensors Corporation FPSS025B Datasheet HTML 11Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
All Sensors
DS-0329 Rev B
How To Order
Page 11
Series
Pressure Range
Calibration
Housing
Output
Grade
FPS
S025
0.1 inH2O
(25 Pa)
B
Differential
(Bidirectional)
E
FA01
SMT, 2 ports
same side
3
non-ratiometric,
3 V supply
S
High
S050
0.2 inH2O
(50 Pa)
U
Gage
(Unidirectional)
F
FA02
DIP, 2 ports
6
non-ratiometric,
5 V supply
S100
0.4 inH2O
(100 Pa)
S250
1 inH2O
(250 Pa)
S500
2 inH2O
(500 Pa)
Example:
FPS
S250
B
F
6
S
Options
All Sensors reserves the right to make changes to any products herein. All Sensors does not assume any liability arising out of the application or use of any product or circuit described
herein, neither does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com