Electronic Components Datasheet Search
  English  ▼

X  

FPSS250B Datasheet(PDF) 2 Page - All Sensors Corporation

Part # FPSS250B
Description  FPS SERIES PRESSURE SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

FPSS250B Datasheet(HTML) 2 Page - All Sensors Corporation

  FPSS250B Datasheet HTML 1Page - All Sensors Corporation FPSS250B Datasheet HTML 2Page - All Sensors Corporation FPSS250B Datasheet HTML 3Page - All Sensors Corporation FPSS250B Datasheet HTML 4Page - All Sensors Corporation FPSS250B Datasheet HTML 5Page - All Sensors Corporation FPSS250B Datasheet HTML 6Page - All Sensors Corporation FPSS250B Datasheet HTML 7Page - All Sensors Corporation FPSS250B Datasheet HTML 8Page - All Sensors Corporation FPSS250B Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FPS Series Pressure Sensor
Pressure Sensor Maximum Ratings
Environmental Specifications
Supply Voltage (V
S)
FPS 3V
2.70 to 3.30 Vdc
FPS 5V
4.75 to 5.25 Vdc
Output Current
1 mA
Lead Specifications
Average preheating temperature gradient
2.5 C/s
Soak time
Approx. 3 min
Time above 217°C
50 s
Time above 230°C
40 s
Time above 250°C
15 s
Peak Temperature
260°C
Cooling Temperature gradient
-3.5 C/s
Temperature Ranges
Compensated
0°C to 70°C
Operating
-20°C to 80 °C
Storage
-40°C to 80 °C
Humidity Limits
97% RH
(non condensing)
Vibration1
20 g
Mechanical Shock2
500 g
Specification Notes
note
1: Sweep 20 to 2000 Hz, 8 min, 4 cycleS per axiS, mil-StD-883, metHoD
2007.
note
2: 5 SHockS, 3 axeS, mil-StD-883e, metHoD 2002.4.
Specifications
Page 2
Performance Characteristics4 for: FPSS025x, FPSS050x 5V Device
(VS = 5.0 V
DC , TA= 20 °C , PAbs = 1 bara, calibrated in air, output signals analog and digital are non-ratiometric to VS)
Analog Output (Unidirectional Devices)
Common Characteristics
Min
Typ
Max
Units
Non-Linearity9
-
-
± (1% of reading + 0.5 % FSS)
-
Total Accuracy3 5 to 55°C
-
-
± (1.5% of reading + 1.5 % FSS)
-
0 to 70°C
-
-
± (3.5% of reading +1.5 %FSS)
-
Noise Level
(RMS)
-
0.03
-
%FSS
Offset Warm-Up Shift
-
-
less than noise
-
Offset Long Term Stability6
-
±0.0002
±0.0004
inH2O/year
Current Consumption (no load)8
-
7
8
mA
Response Time (t
63)
-
5
-
ms
Power-On Time
-
-
25
ms
Characteristics
Min
Typ
Max
Units
Zero Pressure Offset
0.49
0.50
0.51
V
Full Scale Span
3.97
4.00
4.03
V
Full Scale Output
-
4.50
-
V
Thermal Effects
Offset @ 5 to 55
°C
-
-
±20
mV
Offset @ 0 to 70
°C
-
-
±40
mV
Thermal Effects
Span @ 5 to 55
°C
-
±1.25
±2
%FSS
Span @ 0 to 70
°C
-
±1.75
±2.75
%FSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com