Electronic Components Datasheet Search
  English  ▼

X  

FPSS500B Datasheet(PDF) 7 Page - All Sensors Corporation

Part # FPSS500B
Description  FPS SERIES PRESSURE SENSOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

FPSS500B Datasheet(HTML) 7 Page - All Sensors Corporation

Back Button FPSS500B Datasheet HTML 3Page - All Sensors Corporation FPSS500B Datasheet HTML 4Page - All Sensors Corporation FPSS500B Datasheet HTML 5Page - All Sensors Corporation FPSS500B Datasheet HTML 6Page - All Sensors Corporation FPSS500B Datasheet HTML 7Page - All Sensors Corporation FPSS500B Datasheet HTML 8Page - All Sensors Corporation FPSS500B Datasheet HTML 9Page - All Sensors Corporation FPSS500B Datasheet HTML 10Page - All Sensors Corporation FPSS500B Datasheet HTML 11Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
All Sensors
DS-0329 Rev B
Performance Characteristics4 (Cont’d)
Page 7
Specification Notes (Cont’d)
note
3: total accuracy iS tHe combineD error from offSet anD Span calibration, linearity, preSSure HyStereSiS anD temperature effectS.
note
4: tHe SenSor iS calibrateD witH a common moDe preSSure of 1 bar abSolute. Due to tHe maSS flow baSeD meaSuring principle, variationS in abS-
olute common moDe preSSure neeD to be compenSateD accorDing to tHe following formula
:
note
5: tHe max. common moDe preSSure iS 30 pSi
note
6: figure baSeD on accelerateD lifetime teSt correSponDing to 1 year of life.
note 7: tHe Digital output Signal iS a SigneD, two’S complement integer. negative preSSureS will reSult in a negative output.
note 8: pleaSe contact all SenSorS corporation for low power optionS.
note 9: non-linearity referS to a terminal baSeD fSl (fitting StraigHt line) going tHrougH tHe actual zero preSSure reaDing.
note 10: for example witH a fpSS500... SenSor meaSuring co
2 gaS, at full-Scale output tHe actual preSSure will be 2.00 inH2o x 0.56 = 1.12 inH2o.
note 11: for correct operation of fpS 3v DeviceS, tHe Device Driving tHe Spi buS muSt Have a minimum Drive capability of ± 2 mA.
gas correction factor
ΔPeff = ΔPsensor x
ΔPeff
= True differential pressure
ΔPsensor
= Differential pressure as indicated by output voltage
Analog Output (Bidirectional Devices)
Digital Output
Characteristics
Min
Typ
Max
Units
Zero Pressure Offset
1.49
1.50
1.51
V
Full Scale Span
2.37
2.40
2.43
V
Output @ Max. Specified Pressure
-
2.70
-
V
Output @ Min. Specified Pressure
-
0.30
-
V
Thermal Effects
Offset @ 5 to 55
°C
-
-
±10
mV
Offset @ 0 to 70
°C
-
-
±12
mV
Thermal Effects
Span @ 5 to 55
°C
-
±1
±1.75
%FSS
Span @ 0 to 70
°C
-
±2
±2.75
%FSS
Characteristics
Min
Typ
Max
Units
Scale Factor (Digital Output)7 0.4 inH2O /
±0.4 inH2O
-
75
-
counts/0.001 inH2O
1.0 inH2O /
±1.0 inH2O
-
30
-
counts/0.001 inH2O
2.0 inH2O /
±2.0 inH2O
-
15
-
counts/0.001 inH2O
Zero Pressure Offset Tolerance
-0.1
-
+0.1
%FSS
Full Scale Span Tolerance
-0.75
-
+0.75
%FSS
Thermal Effects
Offset @ 5 to 55
°C
-
-
±30
counts
Offset @ 0 to 70
°C
-
-
±60
counts
Thermal Effects
Span @ 5 to 55
°C
-
±1
±1.75
%FSS
Span @ 0 to 70
°C
-
±2
±2.75
%FSS
Pabs
ΔPeff = ΔPsensor x 14.5 psia
ΔPeff
= True differential pressure
ΔPsensor
= Differential pressure as indicated by output voltage
ΔPabs
= Current absolute common mode pressure



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com