Electronic Components Datasheet Search
  English  ▼

X  

AD8275ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8275ARMZ
Description  G = 0.2, Level Translation, 16-Bit ADC Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8275ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8275ARMZ Datasheet HTML 8Page - Analog Devices AD8275ARMZ Datasheet HTML 9Page - Analog Devices AD8275ARMZ Datasheet HTML 10Page - Analog Devices AD8275ARMZ Datasheet HTML 11Page - Analog Devices AD8275ARMZ Datasheet HTML 12Page - Analog Devices AD8275ARMZ Datasheet HTML 13Page - Analog Devices AD8275ARMZ Datasheet HTML 14Page - Analog Devices AD8275ARMZ Datasheet HTML 15Page - Analog Devices AD8275ARMZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AD8275
Rev. A | Page 11 of 16
THEORY OF OPERATION
The AD8275 level translates ±10 V signals at its inputs to 4 V
at its output. It does this by attenuating the input signal by 5.
A subtractor network performs the attenuation, the level shifting,
and the differential-to-single-ended conversion. One benefit of
the subtractor topology is that it can accept input signals
beyond its supply voltage. The subtractor is composed of tightly
matched resistors. By integrating the resistors and trimming the
resistor ratios, the AD8275 achieves 80 dB CMRR and 0.024%
gain error.
INPUT
ESD
REF2
+VS
+VS
+VS
–VS
–VS
+VS
–VS
–VS
+VS
–VS
–VS
OUT
SENSE
50k
Ω
7k
Ω
7k
Ω
50k
Ω
20k
Ω
20k
Ω
10k
Ω
2.5V
–IN
+IN
INPUT
ESD
+VS
–VS
REF1
+VS
–VS
Figure 31. AD8275 Simplified Schematic
To achieve a wider input voltage range, the AD8275 uses an
internal 2.5 V voltage bias tied to –VS and two 7 kΩ resistors, as
shown in Figure 31. The resistors help to set the common mode
of the internal amplifier. The benefit of this circuit is that it
extends the input range without causing crossover distortion
typical of amplifiers that have rail-to-rail complementary
transistor inputs. The input range of the internal op amp is
+VS − 0.9 V to −VS + 1.35 V.
–10
–8
–6
600
400
200
0
–200
–400
–600
–4
–2
0
2
4
6
8
10
COMMON-MODE VOLTAGE (V)
Figure 32. AD8275 Does Not Have Crossover Distortion Typical of Rail-to-Rail
Input Amplifiers
The AD8275 employs a balanced, high gain, linear output stage
that adaptively generates current as required, eliminating the
dynamic errors found in other amplifiers. This is useful when
driving SAR ADCs, which can deliver kickback current into the
output of the amplifier. The result is a design that achieves low
distortion, consistent bandwidth, and high slew rate.
BASIC CONNECTION
The basic configurations for the AD8275 are shown in
Figure 33 and Figure 34. In Figure 33, REF1 and REF2 are
tied together. A voltage, VREF, applied to the tied REF1 and
REF2 pins, sets the output voltage level to VREF. For example,
in Figure 33, if VREF = 2 V and the inputs are tied to ground,
the output remains at 2 V.
AD8275
7
4
5
6
8
1
2
50k
Ω
0.1µF
50k
Ω
20k
Ω
20k
Ω
10k
Ω
3
VINN
+IN
–IN
VINP
REF2
VREF
VOUT
REF1
–VS
+VS
+5V
OUT
SENSE
VOUT =
+ VREF
(VINP) – (VINN)
5
Figure 33. Basic Configuration 1: Shared Reference
In contrast, Figure 34 shows REF1 tied to ground and REF2
tied to VREF. In this example, the two 20 kΩ resistors serve as a
resistor divider, and VREF is divided by 2. For example, if both
inputs of the AD8275 are grounded and VREF = 5 V, the output
is 2.5 V.
AD8275
7
4
5
6
8
1
2
50k
Ω
0.1µF
50k
Ω
20k
Ω
20k
Ω
10k
Ω
3
VINN
+IN
–IN
VINP
REF2
VREF
VOUT
REF1
–VS
+VS
+5V
OUT
SENSE
VOUT =
+
(VINP) – (VINN)
5
VREF + 0V
2
Figure 34. Basic Configuration 2: Split Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com