Electronic Components Datasheet Search
  English  ▼

X  

ADP2360 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2360
Description  High Efficiency Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2360 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2360 Datasheet HTML 8Page - Analog Devices ADP2360 Datasheet HTML 9Page - Analog Devices ADP2360 Datasheet HTML 10Page - Analog Devices ADP2360 Datasheet HTML 11Page - Analog Devices ADP2360 Datasheet HTML 12Page - Analog Devices ADP2360 Datasheet HTML 13Page - Analog Devices ADP2360 Datasheet HTML 14Page - Analog Devices ADP2360 Datasheet HTML 15Page - Analog Devices ADP2360 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADP2360
Data Sheet
Rev. 0 | Page 12 of 15
APPLICATIONS INFORMATION
Compatible components for the step-down application circuits
in Figure 24 and Figure 25 are identified using the guidelines in
this section.
EN
AGND
(EPAD)
SW
PG
VIN
PGND
CIN
COUT
L1
8
2
ADP2360
7
FB 4
ITH 3
VOUT
VIN
6
9
ON
OFF
1
SS
5
CSS
PG
RPG
RITH
Figure 24. Typical Application Circuit Fixed Output Voltage
EN
AGND
(EPAD)
SW
PG
VIN
PGND
CIN
COUT
L1
8
2
ADP2360
7
FB 4
ITH
3
VOUT
VIN
6
9
ON
OFF
1
SS
5
CSS
PG
RPG
RITH
RFB1
RFB2
CFF
Figure 25. Typical Application Circuit Adjustable Output Voltage
SETTING THE OUTPUT VOLTAGE
The ADP2360 is available with 3.3 V and 5.0 V fixed output voltage
options. For the fixed options, an internal resistive feedback divider
sets the output voltage and no external resistors are necessary,
as shown in Figure 24.
The ADP2360 is also available with an adjustable output voltage
and can be configured for output voltages between 0.8 V and
VIN. Use the following equation to determine RFB1 and RFB2 for
the desired VOUT:
FALLING
FB
FB2
FB1
OUT
V
R
R
V
_
1
(2)
When using an external resistor divider, the optional feedforward
capacitor CFF may be placed across RFB1.
INPUT CAPACITOR SELECTION
An input capacitor must be placed between the VIN pin and
PGND. Ceramic capacitors greater than or equal to 4.7 μF are
recommended. The input capacitor reduces the input voltage
ripple caused by the switching current. Place the input capacitor
as close as possible to the VIN pin to reduce input voltage spikes.
The voltage rating of the input capacitor must be greater than
the maximum input voltage.
ESTIMATING THE SWITCHING FREQUENCY
The ADP2360 switching frequency (fSW) can be estimated with
the following equation:
2
–
2
PEAK
OUT
OUT
IN
SW
I
L
I
D
V
V
f
(3)
where the duty cycle, D, is approximated by
IN
OUT
V
V
D 
(4)
Note that the switching frequency changes in direct proportion
to the output current. The maximum frequency can be controlled
by the inductor value and the peak current control resistor RITH.
SETTING THE PEAK INDUCTOR CURRENT
The control method of the ADP2360 means that the maximum
output current is slightly less than half of IPEAK. The peak current
limit must be programmed to at least twice the desired
maximum output current.
The value of the selected IPEAK current in the ADP2360 application
affects the efficiency, switching frequency, and output voltage
ripple. Larger IPEAK values tend to give improved efficiency. Using a
smaller IPEAK value gives a higher switching frequency and reduced
output voltage ripple.
The desired peak current limit (IPEAK) is programmed to a discrete
value between 50 mA and 140 mA with an external resistor from
ITH to AGND. This external resistor, RITH, is chosen using the
values in Table 5.
Table 5. Peak Inductor Current Settings
RITH (kΩ)
IPEAK (mA)
Open
50
1500
60
825
70
576
80
453
90
365
100
287
120
0
140
The values given in Table 5 correspond to standard 1% E96
resistor values. A 1% tolerance resistor of the specified value
must be used to ensure the correct IPEAK value is selected. The
IPEAK value set by RITH on the ITH pin is determined upon startup
and is reset only if the device is disabled and reenabled using the
EN pin or a VIN power cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com