Electronic Components Datasheet Search
  English  ▼

X  

ADRF5040 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5040
Description  High power handling
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5040 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5040 Datasheet HTML 6Page - Analog Devices ADRF5040 Datasheet HTML 7Page - Analog Devices ADRF5040 Datasheet HTML 8Page - Analog Devices ADRF5040 Datasheet HTML 9Page - Analog Devices ADRF5040 Datasheet HTML 10Page - Analog Devices ADRF5040 Datasheet HTML 11Page - Analog Devices ADRF5040 Datasheet HTML 12Page - Analog Devices ADRF5040 Datasheet HTML 13Page - Analog Devices ADRF5040 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ADRF5040
Data Sheet
Rev. A | Page 14 of 14
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGD-8.
BOTTOM VIEW
TOP VIEW
4.10
4.00 SQ
3.90
SEATING
PLANE
0.90
0.85
0.80
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.30
0.25
0.18
PIN 1
INDICATOR
0.20 MIN
2.85
2.70 SQ
2.55
EXPOSED
PAD
Figure 28. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.85 mm Package Height
(CP-24-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
MSL Rating2
Package Description
Package
Option
Branding3
ADRF5040BCPZ
−40°C to +85°C
MSL3
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-16
XXXXX
#
5040
ADRF
ADRF5040BCPZ-R7
−40°C to +85°C
MSL3
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-16
XXXXX
#
5040
ADRF
ADRF5040-EVALZ
Evaluation Board
1
These models are RoHS Compliant Parts.
2
See the Absolute Maximum Ratings section.
3
XXXXX is the 5-digit lot number.
©2016–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14290-0-2/17(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com