Electronic Components Datasheet Search
  English  ▼

X  

MCP2502X Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2502X
Description  CAN I/O EXPANDER FAMILY
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2502X Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2502X Datasheet HTML 3Page - Microchip Technology MCP2502X Datasheet HTML 4Page - Microchip Technology MCP2502X Datasheet HTML 5Page - Microchip Technology MCP2502X Datasheet HTML 6Page - Microchip Technology MCP2502X Datasheet HTML 7Page - Microchip Technology MCP2502X Datasheet HTML 8Page - Microchip Technology MCP2502X Datasheet HTML 9Page - Microchip Technology MCP2502X Datasheet HTML 10Page - Microchip Technology MCP2502X Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
3UHOLPLQDU\
'6%SDJH 
0&3;;

7,0(6(*0(176
7LPH VHJPHQWV PDNH XS WKH QRPLQDO ELW WLPH 7KH
QRPLQDO ELW WLPH .DQ EH WKRXJKW RI DV EHLQJ GLYLGHG LQWR
VHSDUDWH QRQRYHUODSSLQJ WLPH VHJPHQWV 7KHVH VHJ
PHQWV DUH VKRZQ LQ )LJXUH 
‡ 6\Q.KURQL]DWLRQ 6HJPHQW 6\Q.6HJ
‡ 3URSDJDWLRQ 6HJPHQW 3URS6HJ
‡ 3KDVH %XIIHU 6HJPHQW  36
‡ 3KDVH %XIIHU 6HJPHQW  36
5XOHV IRU 3URJUDPPLQJ WKH 6HJPHQWV
7KHUHDUHDIHZUXOHV WRIROORZZKHQSURJUDPPLQJ WKH
WLPH VHJPHQWV
‡ 3URS6HJ 36 ! 36
‡ 36 ! 6\Q. -XPS :LGWK
‡ 36 ! ,QIRUPDWLRQ 3UR.HVVLQJ 7LPH

6\Q.KURQL]DWLRQ 6HJPHQW
7KLV SDUW RI WKH ELW WLPH LV XVHG WR V\Q.KURQL]H WKH YDU
LRXV &$1QRGHV RQ WKH EXV 7KH HGJH RI WKH LQSXW VLJ
QDO LV H[SH.WHG WR R..XU GXULQJ WKH 6\Q.6HJ 7KH
GXUDWLRQ LV IL[HG DW 74

3URSDJDWLRQ 6HJPHQW
7KLV SDUW RI WKH ELW WLPH LV XVHG WR .RPSHQVDWH IRU SK\V
L.DO GHOD\WLPHVZLWKLQWKH QHWZRUN7KHVH GHOD\ WLPHV
.RQVLVW RI WKH VLJQDO SURSDJDWLRQ WLPH RQ WKH EXV OLQH
DQG WKH LQWHUQDO GHOD\ WLPH RI WKH QRGHV 7KH GHOD\ LV
.DO.XODWHG DV EHLQJ WKH URXQG WULS WLPH IURP WUDQVPLWWHU
WR UH.HLYHU WZL.H WKH VLJQDO V SURSDJDWLRQ WLPH RQ WKH
EXV OLQH WKH LQSXW .RPSDUDWRU GHOD\ DQG WKH RXWSXW
GULYHU GHOD\ 7KH OHQJWK RI WKH 3URSDJDWLRQ 6HJPHQW
.DQ EH SURJUDPPHG IURP 74 WR 74 E\ VHWWLQJ WKH
356(*356(* ELWV RI WKH &1) UHJLVWHU

3KDVH %XIIHU 6HJPHQWV
7KH 3KDVH %XIIHU 6HJPHQWV DUH XVHG WR RSWLPDOO\
OR.DWH WKH VDPSOLQJ SRLQW RI WKHUH.HLYHG ELW ZLWKLQWKH
QRPLQDO ELW WLPH 7KH VDPSOLQJ SRLQW R..XUV EHWZHHQ
36 DQG 36 7KHVH VHJPHQWV .DQ EH DXWRPDWL.DOO\
OHQJWKHQHG RU VKRUWHQHG E\ WKHUHV\Q.KURQL]DWLRQ SUR
.HVV 7KXV WKH YDULDWLRQ RI WKH YDOXHV RI WKH SKDVH
EXIIHU VHJPHQWVUHSUHVHQW WKH'3// IXQ.WLRQDOLW\
3KDVH 6HJPHQW  7KH HQG RI 36 GHWHUPLQHV WKH
VDPSOLQJ SRLQW ZLWKLQ D ELW WLPH 36LV SURJUDPPDEOH
IURP74  74 LQ GXUDWLRQ
3KDVH 6HJPHQW  36 SURYLGHV GHOD\ EHIRUH WKH QH[W
WUDQVPLWWHG GDWD WUDQVLWLRQ DQG LV DOVR SURJUDPPDEOH
IURP 74  74 LQ GXUDWLRQ +RZHYHU GXH WR ,37
UHTXLUHPHQWV WKH D.WXDO PLQLPXP OHQJWK RI SKDVH VHJ
PHQW  LV 74 RU LW PD\ EH GHILQHG WR EH HTXDO WR WKH
JUHDWHU RI 36 RU WKH ,QIRUPDWLRQ 3UR.HVVLQJ 7LPH
,37 

6$03/(32,17
7KH6DPSOH 3RLQW LV WKH SRLQWRI WLPHDW ZKL.KWKHEXV
OHYHO LV UHDG DQG YDOXH RI WKH UH.HLYHG ELW LV GHWHUPLQHG
7KH VDPSOLQJ SRLQW R..XUV DW WKH HQG RI 36 ,I GHVLUHG
LW LV SRVVLEOH WR VSH.LI\ PXOWLSOH VDPSOLQJ RI WKH EXV OLQH
DW WKH VDPSOH SRLQW 7KH YDOXH RI WKH UH.HLYHG ELW LV
GHWHUPLQHG WR EH WKH YDOXH RI WKH PDMRULW\ GH.LVLRQ RI
WKUHH YDOXHV 7KH WKUHH VDPSOHV DUHWDNHQ DW WKH VDP
SOH SRLQW DQG WZL.H EHIRUH ZLWK D WLPH RI 74   EHWZHHQ
HD.K VDPSOH

,1)250$7,21 352&(66,1* 7,0(
7KH ,QIRUPDWLRQ 3UR.HVVLQJ 7LPH ,37 LV WKH WLPH VHJ
PHQW VWDUWLQJ DW WKH VDPSOH SRLQW WKDW LV UHVHUYHG IRU
.DO.XODWLRQRI WKH VXEVHTXHQW ELW OHYHO 7KH &$1VSH.
LIL.DWLRQ GHILQHV WKLV WLPH WR EH OHVV WKDQ RU HTXDO WR
74 7KH 0&3;; GHILQHV WKLV WLPH WR EH 74
7KXV 36PXVW EH DW OHDVW 74 ORQJ

6<1&+521,=$7,21 -803 :,'7+
7R .RPSHQVDWH IRU SKDVH VKLIWV DQG RV.LOODWRU WROHU
DQ.HV EHWZHHQ WKH QRGHV LQ WKH V\VWHP HD.K &$1
.RQWUROOHU PXVW EH DEOH WR V\Q.KURQL]H WR WKH UHOHYDQW
VLJQDO HGJH RIWKHLQ.RPLQJVLJQDO :KHQDUH.HVVLYH
WRGRPLQDQW HGJH LQ WKH WUDQVPLWWHG GDWD LV GHWH.WHG
WKH ORJL. ZLOO .RPSDUH WKH OR.DWLRQ RI WKH HGJH WR WKH
H[SH.WHG WLPH 6\Q.6HJ  7KH .LU.XLW ZLOO WKHQ DGMXVW
WKH YDOXHV RI 36 DQG 36 DV QH.HVVDU\ XVLQJ WKH SUR
JUDPPHG 6\Q.KURQL]DWLRQ -XPS :LGWK 6-: 7KLV
DGMXVWPHQW LV PDGH IRU UHV\Q.KURQL]DWLRQ GXULQJ D
PHVVDJH DQG QRW KDUG V\Q.KURQL]DWLRQ ZKL.K R..XUV
RQO\ DW WKHPHVVDJH 6WDUWRI)UDPH 62)
$V D UHVXOW RI UHV\Q.KURQL]DWLRQ 36 PD\ EH OHQJWK
HQHG RU 36 PD\ EH VKRUWHQHG 7KH DPRXQW RI OHQJWK
HQLQJ RU VKRUWHQLQJ RI WKH SKDVH EXIIHU VHJPHQWV KDV
DQ XSSHU ERXQG JLYHQ E\ WKH 6-: 7KH 6-: LV SUR
JUDPPDEOH EHWZHHQ 74 DQG 74 7KH YDOXH RI WKH
6-: ZLOO EH DGGHG WR 36 RU VXEWUD.WHG IURP 36
GHSHQGLQJ RQ WKH SKDVH HUURU H RI WKH HGJH LQ UHODWLRQ
WR WKH UH.HLYHU¶V 6\Q.6HJ 7KH SKDVH HUURU LV GHILQHG
DV IROORZV
‡ H  LI WKH HGJH OLHV ZLWKLQ 6<1&(6(*
 1RUHV\Q.KURQL]DWLRQ LV UHTXLUHG
‡ H !  LI WKH HGJH OLHV EHIRUH WKH VDPSOH SRLQW
 36 ZLOO EH OHQJWKHQHG E\ WKH DPRXQW RI WKH
6-:
‡ H   LI WKH HGJH OLHV DIWHU WKH VDPSOH SRLQW RI WKH
SUHYLRXV ELW DQG EHIRUH WKH6\Q.6HJ RI WKH .XU
UHQW ELW
 36 ZLOO EH VKRUWHQHG E\ WKH DPRXQW RI WKH
6-:
1RPLQDO %LW 7LPH
74 6\Q.B6HJ 3URS6HJ
3KDVHB6HJ 3KDVHB6HJ
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com