Electronic Components Datasheet Search
  English  ▼

X  

HMC433 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC433
Description  Prescaler for DC to C Band PLL Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC433 Datasheet(HTML) 1 Page - Analog Devices

  HMC433 Datasheet HTML 1Page - Analog Devices HMC433 Datasheet HTML 2Page - Analog Devices HMC433 Datasheet HTML 3Page - Analog Devices HMC433 Datasheet HTML 4Page - Analog Devices HMC433 Datasheet HTML 5Page - Analog Devices HMC433 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 72
HMC433 / 433E
SMT GaAs HBT MMIC
DIVIDE-BY-4, DC - 8 GHz
General Description
Features
Functional Diagram
The HMC433(E) is a low noise Divide-by-4 Static
Divider utilizing InGaP GaAs HBT technology in ultra
small surface mount SOT26 plastic packages. This
device operates from DC (with a square wave input)
to 8 GHz input frequency with a single +3V DC supply.
Single-ended inputs and outputs reduce component
count and cost. The low additive SSB phase noise of
-150 dBc/Hz at 100 kHz offset helps the user maintain
good system noise performance.
Ultra Low SSB Phase Noise: -150 dBc/Hz
Single-Ended I/O’s
Output Power: -2 to -3.5 dBm
Single DC Supply: +3V @ 53 mA
9 mm2 Ultra Small Package: SOT26
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vcc= +3V
Typical Applications
Prescaler for DC to C Band PLL Applications:
• UNII, Point-to-Point & VSAT Radios
• 802.11a & HiperLAN WLAN
• Fiber Optic
• Cellular / 3G Infrastructure
v04.0410
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
88.5
GHz
Minimum Input Frequency
Sine Wave Input. [1]
0.2
GHz
Input Power Range
Fin= 1 to 6 GHz
Fin= 6 to 8 GHz
-12
-3
+12
+10
dBm
dBm
Output Power
Fin= 4 GHz
Fin= 8 GHz
-5.0
-6.5
-2.0
-3.5
dBm
dBm
Reverse Leakage
RF Output Terminated, Fin= 4 GHz, Pin= 0 dBm
-25
dBm
SSB Phase Noise (100 kHz offset)
Pin= 0 dBm, Fin= 4 GHz
-150
dBc/Hz
Output Transition Time
Pin= 0 dBm, Fout= 882 MHz
120
ps
Supply Current (Icc)
Vcc= +3.0V
53
71
mA
1. Divider will operate down to DC for square-wave input signal.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC433

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC433 HITTITE-HMC433 Datasheet
225Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
HMC433 HITTITE-HMC433 Datasheet
228Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
HMC433 HITTITE-HMC433 Datasheet
228Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
HMC433 HITTITE-HMC433 Datasheet
309Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
HMC433E HITTITE-HMC433E Datasheet
228Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz
More results

Similar Description - HMC433

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB3500 SANYO-LB3500 Datasheet
50Kb / 2P
1/8 Prescaler for PLL Electronic Tuning
SGD-100 SANYO-SGD-100 Datasheet
26Kb / 2P
C to X Band, Mixer, Modulator Applications
SGD-100T SANYO-SGD-100T Datasheet
24Kb / 2P
C to X Band, Mixer, Modulator Applications
SGD102 SANYO-SGD102 Datasheet
25Kb / 2P
C to X Band, Mixer, Modulator Applications
logo
California Eastern Labs
UPG2181T5R-A CEL-UPG2181T5R-A Datasheet
1Mb / 24P
Front End Components for, LNAs for L to C-Band Applications
logo
Motorola, Inc
MC12074 MOTOROLA-MC12074 Datasheet
89Kb / 3P
MECL PLL COMPONENTS 첨256 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
MECL PLL COMPONENTS 첨64 PRESCALER
MC12098 MOTOROLA-MC12098 Datasheet
98Kb / 5P
MECL PLL COMPONENTS 첨8192 PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
MECL PLL COMPONENTS 첨64 PRESCALER
MC12076 MOTOROLA-MC12076 Datasheet
84Kb / 3P
MECL PLL COMPONENTS 첨256 PRESCALER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com