Electronic Components Datasheet Search
  English  ▼

X  

HMC533LP4E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC533LP4E
Description  MMIC VCO w/ DIVIDE-BY-16
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC533LP4E Datasheet(HTML) 1 Page - Analog Devices

  HMC533LP4E Datasheet HTML 1Page - Analog Devices HMC533LP4E Datasheet HTML 2Page - Analog Devices HMC533LP4E Datasheet HTML 3Page - Analog Devices HMC533LP4E Datasheet HTML 4Page - Analog Devices HMC533LP4E Datasheet HTML 5Page - Analog Devices HMC533LP4E Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 150
HMC533LP4 / 533LP4E
MMIC VCO w/ DIVIDE-BY-16,
23.8 - 24.8 GHz
v00.0405
General Description
Features
Functional Diagram
The HMC533LP4 & HMC533LP4E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs.
The HMC533LP4 & HMC533LP4E integrate resona-
tors, negative resistance devices, varactor diodes and
feature a divide-by-16 output. T he VCO’s phase noise
performance is excellent over temperature, shock, and
process due to the oscillator’s monolithic structure.
Power output is +12 dBm typical from a +5V supply
voltage. Prescaler function can be disabled to con-
serve current if not required. The voltage controlled
oscillator is packaged in a leadless QFN 4 x 4 mm
surface mount package.
Pout: +12 dBm
Phase Noise: -95 dBc/Hz @100 KHz Typ.
No External Resonator Needed
Single Supply: +5V @ 220 mA
24 Lead 4x4mm QFN Package: 9 mm2
Typical Applications
Low noise MMIC VCO w/Divide-by-16 for:
• VSAT Radio
• Point to Point/Multipoint Radio
• Test Equipment & Industrial Controls
• Military End-Use
• Automotive Radar
Electrical Specifications, T
A = +25° C, Vcc1, Vcc2, Vcc3 = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
23.8 - 24.8
GHz
Power Output
RFOUT
RFOUT/16
+9
-7
+12
-4
+15
-1
dBm
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RFOUT
-95
dBc/Hz
Tune Voltage
Vtune
2
13
V
Supply Current
Icc
180
220
260
mA
Tune Port Leakage Current (Vtune= 13V)
10
μA
Output Return Loss
3dB
Harmonics/Subharmonics
1/2
3/2
26
37
dBc
dBc
Pulling (into a 2.0:1 VSWR)
13
MHz pp
Pushing @ Vtune= 5V
80
MHz/V
Frequency Drift Rate
2.3
MHz/°C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC533LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC533LP4E HITTITE-HMC533LP4E Datasheet
353Kb / 8P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC533LP4E HITTITE-HMC533LP4E Datasheet
245Kb / 6P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
More results

Similar Description - HMC533LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC533LP4 HITTITE-HMC533LP4 Datasheet
353Kb / 8P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5 Datasheet
259Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC533LP4 HITTITE-HMC533LP4_09 Datasheet
245Kb / 6P
MMIC VCO w/ DIVIDE-BY-16, 23.8 - 24.8 GHz
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC735LP5 HITTITE-HMC735LP5_10 Datasheet
438Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 10.5 - 12.2 GHz
HMC738LP4 HITTITE-HMC738LP4 Datasheet
457Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-16, 20.9 - 23.9 GHz
HMC739LP4 HITTITE-HMC739LP4 Datasheet
511Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-16, 23.8 - 26.8 GHz
logo
Analog Devices
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com