Electronic Components Datasheet Search
  English  ▼

X  

HMC582LP5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC582LP5
Description  Military End-Use
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC582LP5 Datasheet(HTML) 1 Page - Analog Devices

  HMC582LP5 Datasheet HTML 1Page - Analog Devices HMC582LP5 Datasheet HTML 2Page - Analog Devices HMC582LP5 Datasheet HTML 3Page - Analog Devices HMC582LP5 Datasheet HTML 4Page - Analog Devices HMC582LP5 Datasheet HTML 5Page - Analog Devices HMC582LP5 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 1
HMC582LP5 / 582LP5E
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-4, 11.1 - 12.4 GHz
v03.0811
General Description
Features
Functional Diagram
The HMC582LP5 & HMC582LP5E are GaAs InGaP
Heterojunction Bipolar Transistor (HBT) MMIC VCOs.
The HMC582LP5 & HMC582LP5E integrate resona-
tors, negative resistance devices, varactor diodes
and feature half frequency and divide-by-4 outputs.
The VCO’s phase noise performance is excellent over
temperature, shock, and process due to the oscillator’s
monolithic structure. Power output is +9 dBm typical
from a +5V supply voltage. The prescaler and RF/2
functions can be disabled to conserve current if not
required. The voltage controlled oscillator is packaged
in a leadless QFN 5x5 mm surface mount package,
and requires no external matching components.
Triple Output: Fo = 11.1 - 12.4 GHz
Fo/2 = 5.55 - 6.2 GHz
Fo/4 = 2.78 - 3.1 GHz
Pout: +9 dBm
Phase Noise: -110 dBc/Hz @100 kHz Typ.
No External Resonator Needed
32 Lead 5x5mm SMT Package: 25mm²
Typical Applications
Low noise MMIC VCO w/Half Frequency, Divide-by-4
Outputs for:
• Point to Point/Multipoint Radio
• Test Equipment & Industrial Controls
• SATCOM
• Military End-Use
Electrical Specifications, T
A = +25° C, Vcc (Dig), Vcc (Amp), Vcc (RF) = +5V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
Fo
Fo/2
11.1 - 12.4
5.55 - 6.2
GHz
GHz
Power Output
RFOUT
RFOUT/2
RFOUT/4
+5
+8
-9
+12
+14
-3
dBm
dBm
dBm
SSB Phase Noise @ 100 kHz Offset,
Vtune= +5V @ RFOUT
-110
dBc/Hz
Tune Voltage
Vtune
2
12
V
Supply Current
Icc(Dig) + Icc(Amp) + Icc(RF)
290
350
390
mA
Tune Port Leakage Current (Vtune= 13V)
10
µA
Output Return Loss
2
dB
Harmonics/Subharmonics
1/2
2nd
3rd
32
25
30
dBc
dBc
dBc
Pulling (into a 2.0:1 VSWR)
5
MHz pp
Pushing @ Vtune= 5V
30
MHz/V
Frequency Drift Rate
1.2
MHz/°C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC582LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC582LP5 HITTITE-HMC582LP5 Datasheet
445Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
HMC582LP5 HITTITE-HMC582LP5 Datasheet
322Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
HMC582LP5E HITTITE-HMC582LP5E Datasheet
445Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
HMC582LP5E HITTITE-HMC582LP5E Datasheet
322Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
HMC582LP5 HITTITE-HMC582LP5_11 Datasheet
445Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
More results

Similar Description - HMC582LP5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7371AF TOSHIBA-TA7371AF Datasheet
269Kb / 7P
FM FRONT-END (1.5V USE)
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Microsemi Corporation
1N3611 MICROSEMI-1N3611 Datasheet
52Kb / 2P
MILITARY RECTIFIERS
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
Military Component Front End Modules
logo
Vicor Corporation
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
Military COTS Component Front-end Modules
logo
ATMEL Corporation
ATC18M ATMEL-ATC18M Datasheet
115Kb / 8P
0.18 關m CMOS Cell-based ASIC for Military Use
logo
Powerbox
MI-LC2Z-IY POWERBOX-MI-LC2Z-IY Datasheet
1Mb / 2P
50-300 WATTS MILITARY READY TO USE COMPONENET
logo
Hittite Microwave Corpo...
HMC1057 HITTITE-HMC1057 Datasheet
1Mb / 12P
Military End-Use
logo
Micross Components
HMC526 MICROSS-HMC526 Datasheet
880Kb / 9P
Military End Use
logo
Analog Devices
HMC532LP4 AD-HMC532LP4 Datasheet
280Kb / 4P
Military End-Use
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com