Electronic Components Datasheet Search
  English  ▼

X  

SMP11 Datasheet(PDF) 1 Page - ETAL Group

Part # SMP11
Description  Wide range voltage input from AC 88 to 264 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

SMP11 Datasheet(HTML) 1 Page - ETAL Group

  SMP11 Datasheet HTML 1Page - ETAL Group SMP11 Datasheet HTML 2Page - ETAL Group SMP11 Datasheet HTML 3Page - ETAL Group SMP11 Datasheet HTML 4Page - ETAL Group SMP11 Datasheet HTML 5Page - ETAL Group SMP11 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Switched mode power supply for DIN rail mounting type SMP11 DC24V/10A
www.e-t-a.de
1646
1
3
Type No.
SMP11 Single phase switch-mode power supply for rail mounting
Connector design
L pcb mounting (preferred type)
S plug-in type
Terminal design
20 screw terminals
Output voltage
DC24V DC 24 V
Output current
10 A
SMP11–L20-DC24V-10A
ordering example
Description
Features and Benefits
Typical applications
Order numbering code
Technical data (TU = 25°C, UB = AC 100 V...240 V, I0 = 10 A)
Switched mode power supply for rail mounting, wide range voltage
input, high efficiency, integral active power factor compensation
(PFC), parallel mode for performance improvement
EN 61000-6-3, EN 61000-6-2, EN 61204-3
l
Wide range voltage input from AC 88 to 264 V
l
Efficiency up to 93%
l
Integral power factor compensation
l
Parallel mode for performance improvement (selectable by switch)
Process control, industrial switch- and controlgear, machine
construction, telecommunication systems
SMP11-DC24V/10A
Version L20
Approvals
EMC
Operating data
Input voltage ranges UE
AC 88…264 V
Operating voltage range
UB
AC 100...240 V
Effective output
240 W
Output voltage UO
24 V SELV
Output current rating IO
10 A
Efficiency
91 % min. / 93 % typically
General data
Switching frequency
typically 90 kHz
Insulation voltage
between
input and output
input and
protective conductor
output and
protective conductor
AC 3000 V, DC 4242 V
AC 1500 V, DC 2121 V
AC 500 V, DC 710 V
Insulation resistance
100 MΩ (DC 500 V) between
input and output
Ambient temperature
-40 °C…+71°C
Derating factor
(see curve)
2.5 % / °C
Storage temperature
-40 °C…+85 °C
Relative humidity
20…90 % RH
MTBF to Bellcore, ed. 6
481,000 hours at 40°C, GB
Max. altitude in
operation to IEC
60068-2-13
5000 m above sea level
Cooling
by convection
Mounting direction
wall-mounted (see dimensions)
Pollution degree
2
Input circuit
Input rated voltage
AC 100...240 V
Input voltage range
AC 88…264 V
Input current
1.15 A typically at UB = AC 230 V
2.3 A typically at UB = AC 115 V
Max. input current
3.2 A typically at UB = AC 88 V
Supply frequency
47...63 Hz
Inrush current
at AC 115 V
at AC 230 V
24 A max.
48 A max.
Approval
authority
Standards
UL
UL508, CSA C22.2 No. 107.1 (listed)
UL 60950-1, CSAC22.2 No. 60950-1 (recognized)
TÜV
Rheinland
EN 60950-1


Similar Part No. - SMP11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMP11 VISHAY-SMP11 Datasheet
84Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
26-Jul-06
SMP11 VISHAY-SMP11 Datasheet
95Kb / 4P
Surface Mount TRANSZORB® Transient Voltage Suppressors
20-Oct-08
SMP11 VISHAY-SMP11 Datasheet
93Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
19-Apr-11
logo
Analog Devices
SMP11 AD-SMP11 Datasheet
527Kb / 5P
Low Droop Rate/Accurate Sample and Hold
23-Feb-2017
logo
STMicroelectronics
SMP1100SCMC STMICROELECTRONICS-SMP1100SCMC Datasheet
86Kb / 7P
Trisil for telecommunication equipment protection
17-Jan-2013
More results

Similar Description - SMP11

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GECA20 SLPOWER-GECA20 Datasheet
518Kb / 2P
Wide-Range AC Input 90-264 VAC
GECA40 SLPOWER-GECA40 Datasheet
549Kb / 2P
Wide-Range AC Input 90-264 VAC
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K40 FSP-FSP042-1K40 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K20 FSP-FSP060-1K20 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
logo
ETAL Group
SMP2320-DC24V-20A ETAL-SMP2320-DC24V-20A Datasheet
468Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP23-L20-DC24V-10A ETAL-SMP23-L20-DC24V-10A Datasheet
508Kb / 6P
Wide range voltage input from AC 340 to 575 V
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
Wide range voltage input from AC 90 to 264 V
logo
Bel Fuse Inc.
PET750-12-050 BEL-PET750-12-050 Datasheet
1Mb / 19P
Wide Input Voltage Range 90-264 VAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com