Electronic Components Datasheet Search
  English  ▼

X  

HMC992LP5E Datasheet(PDF) 15 Page - Analog Devices

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC992LP5E Datasheet(HTML) 15 Page - Analog Devices

Back Button HMC992LP5E Datasheet HTML 11Page - Analog Devices HMC992LP5E Datasheet HTML 12Page - Analog Devices HMC992LP5E Datasheet HTML 13Page - Analog Devices HMC992LP5E Datasheet HTML 14Page - Analog Devices HMC992LP5E Datasheet HTML 15Page - Analog Devices HMC992LP5E Datasheet HTML 16Page - Analog Devices HMC992LP5E Datasheet HTML 17Page - Analog Devices HMC992LP5E Datasheet HTML 18Page - Analog Devices HMC992LP5E Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
15
HMC992LP5E
v03.1013
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
Figure 1b: The HMC992LP5E’s VGA configuration with 2 attenuators.
VGA Operation
The HMC992LP5E’s VGA core can be configured with one or two variable attenuators followed by two fixed gain
amplifiers for different control ranges as shown in Figure 1a and Figure 1b (basic connections are not shown). The
blocks require only external DC blocking capacitors at their inputs and outputs for interconnections. Note that the link
between VCTRL and DETOUT pins must be broken for correct VGA Operation. The VCTRL pin should be used to set
the attenuation of the HMC992LP5E.
Gain Control Interface VCTRL
The VCTRL pin is the gain control pin common to both of HMC992LP5E’s identical voltage variable attenuators. The
VCTRL gain control voltage ranges between 1V and 4V. A VCTRL control voltage of 1V provides the lowest attenuation,
while 4V provides the highest attenuation.
Figure 2 represents the VGA operation of HMC992LP5E with two attenuators and two amplifiers for different gain control
voltages applied to the VCTRL pin. The output power increases linearly with the input power until the power saturation is
reached when the VCTRL voltage is constant. The useable input power range of such a system is limited by the satura-
tion level of the final stage amplifier. So the input power level required for power saturation and the dynamic range of the
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com