Electronic Components Datasheet Search
  English  ▼

X  

LM7121 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7121
Description  235 MHz Tiny Low Power Voltage Feedback Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7121 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM7121 Datasheet HTML 11Page - National Semiconductor (TI) LM7121 Datasheet HTML 12Page - National Semiconductor (TI) LM7121 Datasheet HTML 13Page - National Semiconductor (TI) LM7121 Datasheet HTML 14Page - National Semiconductor (TI) LM7121 Datasheet HTML 15Page - National Semiconductor (TI) LM7121 Datasheet HTML 16Page - National Semiconductor (TI) LM7121 Datasheet HTML 17Page - National Semiconductor (TI) LM7121 Datasheet HTML 18Page - National Semiconductor (TI) LM7121 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Application Information (Continued)
It is very important to keep the lead lengths to a minimum
and to provide a low impedance current path by using a
ground-plane on the board.
Caution: If R
L is removed, the current balance at the output
of LM7121 would be disturbed and it would have to supply
the full amount of load current. This might damage the part if
power dissipation limit is exceeded.
Color Video on Twisted Pairs Using Single Supply
The circuit shown in
Figure 4 can be used to drive in excess
of 25 meters length of twisted pair cable with no loss of reso-
lution or picture definition when driving a NTSC monitor at
the load end.
DS012348-93
FIGURE 3. Waveform across a 100
Ω Load
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com