Electronic Components Datasheet Search
  English  ▼

X  

MKT1813 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKT1813
Description  Metallized Polyester Film Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT1813 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKT1813 Datasheet HTML 1Page - Vishay Siliconix MKT1813 Datasheet HTML 2Page - Vishay Siliconix MKT1813 Datasheet HTML 3Page - Vishay Siliconix MKT1813 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
32
MKT 1813
Vishay Roederstein
Document Number 26013
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
DISSIPATION FACTOR TAN δ
δδ
δδ
MEASURED AT
C
≤ 0.1µF
0.1
µF < C ≤ 1.0µF
C > 1.0
µF
1kHz
8 x 10-3
8 x 10-3
10 x 10-3
10kHz
15 x 10-3
15 x 10-3
—
100kHz
25 x 10-3
——
Maximum Values
Metallized Polyester, Related Document.: IEC 60384-2
Further C-values upon request.
PCM = L + 3.5
*Not suitable for mains applications. Please refer to X-capacitors in our catalog “RFI Suppression Capacitors”.
**For the smaller size please add - M at the end of the type designation (e.g. MKT 1813-510/255-M). Not CECC approved.
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
CODE 06
CODE 01
CODE 25
CODE 40
CODE 63*
CODE 10*
63 VDC/
100 VDC/
250 VDC/
400 VDC/
630 VDC/
1000 VDC/
40 VAC
63 VAC
160 VAC
200 VAC
220 VAC
220 VAC
CAPACITANCE CAPACITANCE
CODE
D
L
D
L
D
L
DLDL
D
L
470 pF
- 147
—
—
—
—
—
—
—
—
5.0
11.0
—
—
680 pF
- 168
—
—
—
—
—
—
—
—
5.0
11.0
—
—
1000 pF
- 210
—
—
—
—
—
—
—
—
5.0
11.0
5.5
14.0
1500 pF
- 215
—
—
—
—
—
—
—
—
5.0
11.0
6.0
14.0
2200 pF
- 222
—
—
—
—
—
—
—
—
5.0
11.0
6.0
14.0
3300 pF
- 233
—
—
—
—
—
—
—
—
5.0
11.0
7.0
14.0
4700 pF
- 247
—
—
—
—
—
—
—
—
5.0
11.0
6.0
19.0
6800 pF
- 268
—
—
—
—
—
—
5.0
11.0
6.0
14.0
6.0
19.0
0.01 µF
- 310
—
—
—
—
—
—
5.0
11.0
6.0
14.0
6.5
19.0
0.015 µF
- 315
—
—
—
—
5.0
11.0
6.0
14.0
6.5
14.0
7.5
19.0
0.022 µF
- 322
—
—
—
—
5.0
11.0
6.0
14.0
7.5
14.0
9.0
19.0
0.033 µF
- 333
—
—
—
—
5.0
11.0
6.0
14.0
6.5
19.0
10.5
19.0
0.047 µF
- 347
—
—
—
—
6.0
14.0
7.0
14.0
7.5
19.0
12.0
19.0
0.068 µF
- 368
—
—
5.0
11.0
6.0
14.0
8.0
14.0
8.5
19.0
11.0
26.5
0.1 µF
- 410
—
—
5.0
11.0
6.0
14.0
7.0
19.0
10.5
19.0
13.0
26.5
—
—
—
—
—
—
—
—
9.5
19.0**
—
—
0.15 µF
- 415
5.0
11.0
5.5
11.0
7.0
14.0
8.5
19.0
10.0
26.5
13.5
31.5
0.22 µF
- 422
5.0
11.0
6.0
14.0
7.0
19.0
8.0
26.5
11.5
26.5
16.0
31.5
—
—
—
—
—
—
8.0
19.0**
—
—
—
—
0.33 µF
- 433
6.0
14.0
6.0
19.0
8.0
19.0
9.5
26.5
13.5
26.5
16.0
41.5
—
—
—
—
—
—
9.5
19.0**
—
—
—
—
0.47 µF
- 447
7.0
14.0
6.5
19.0
9.0
19.0
11.0
26.5
14.5
31.5
19.0
41.5
—
—
—
—
—
—
—
—
14.0
26.5**
—
—
0.68 µF
- 468
6.5
19.0
7.0
19.0
8.5
26.5
11.5
31.5
14.5
41.5
—
—
—
—
—
—
9.0
19.0**
—
—
—
—
—
—
1.0 µF
- 510
7.5
19.0
8.5
19.0
10.0
26.5
13.5
31.5
16.5
41.5
—
—



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com