Electronic Components Datasheet Search
  English  ▼

X  

ESS31-T Datasheet(PDF) 6 Page - ETAL Group

Part # ESS31-T
Description  Selective load protection with physical isolation in the event of a failure
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS31-T Datasheet(HTML) 6 Page - ETAL Group

  ESS31-T Datasheet HTML 1Page - ETAL Group ESS31-T Datasheet HTML 2Page - ETAL Group ESS31-T Datasheet HTML 3Page - ETAL Group ESS31-T Datasheet HTML 4Page - ETAL Group ESS31-T Datasheet HTML 5Page - ETAL Group ESS31-T Datasheet HTML 6Page - ETAL Group ESS31-T Datasheet HTML 7Page - ETAL Group ESS31-T Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Electronic circuit breaker ESS31-T...-DC 24 V
Electronic circuit breaker ESS31-T...-DC 24 V
www.e-t-a.de
6
1646
4
Mounting examples for ESS31-T
The ESS31-T features an integral power distribution system
ESS31-TC
with busbars
insert busbars and protection slides
to be flush with housing sides
continuous busbar
(500 mm length) cut
(12,5 x n) - 3 = length of busbars +/- 0,5
e.g. (12,5 x 5) -3 = 59,5 +/- 0,5
(12,5 x n) = width of protector block
e.g. 12,5 x 5 = 62,5
Line + busbars
X222611 grey
0 V busbars
X222611 grey
remove protection
against brush contact
from bottom side
insert protection against
brush contact
Description of installation:
With a block of devices the busbars have to be inserted before wiring.
Max. 10 plug-in cycles for busbars allowed.
Recommendation:
The line entry busbars and signal busbars should be interrupted after 10 devices and line entry should start anew.
Table of possible busbar lengths
Number of devices
2
3
4
5
6
7
8
9
10
length of busbar [mm]
±0.5mm
22
34.5
47
59.5
72
84.5
97
109.5
122



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com