Electronic Components Datasheet Search
  English  ▼

X  

ESS20-0 Datasheet(PDF) 4 Page - ETAL Group

Part # ESS20-0
Description  Selective load protection with physical isolation in the event of a fault
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS20-0 Datasheet(HTML) 4 Page - ETAL Group

  ESS20-0 Datasheet HTML 1Page - ETAL Group ESS20-0 Datasheet HTML 2Page - ETAL Group ESS20-0 Datasheet HTML 3Page - ETAL Group ESS20-0 Datasheet HTML 4Page - ETAL Group ESS20-0 Datasheet HTML 5Page - ETAL Group ESS20-0 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Electronic Circuit Breaker ESS20-0...
www.e-t-a.de
Electronic Circuit Breaker ESS20-0...
1646
4
4
disconnection
typically 1.1 x I
N
current limitation
typically 1.8 x I
N
I
K
10000
1000
1
2
4
...times rated current
100
10
1
0. 1
0.01
3
5
0
1.8 x I
N
5
Time/Current characteristic curve (TA = 25 °C)
l
The trip time is typically 5 s in the range between 1.1 and 1.8 x IN*1).
l
Electronic current limitation starts at typically 1.8 x IN*1) which
means that under all overload conditions (independent of the
power supply and the resistance of the load circuit) the max.
overload until disconnection will not exceed 1.8 x IN*1) times
the current rating. Trip time is between 100 ms (short circuit
current IK) and 5 sec (at overload with high line attenuation).
l
Without the current limitation activated at typically 1.8 x IN*1) a
considerably higher overload current would flow in the event of
an overload or short circuit.
l
After detection of an overload or short circuit the LED changes
colour from GREEN to ORANGE. The LED will no longer be
lighted after the circuit breaker has tripped.
l
Resetting the circuit breaker is not possible before the integral
bimetal has cooled down (approx. 10 sec).
Table 2: Reliable trip of ESS20
*1) current limitation typically 1.8 x IN times rated current at
IN = 0.5 A...6 A
current limitation typically 1.5 x IN times rated current at
IN = 8 A...10 A
Reliable trip of ESS20 with different cable lengths and cross sections
Resistivity of copper 0 = 0.0178 (Ohm x mm2) / m
US = DC 19.2 V (= 80 % v. 24 V)
voltage drop of ESS20 and tolerance of trip point (typically 1.1 x IN = 1.05...1.35 x IN)
have been taken into account.
ESS20-selected rating IN (in A) ➞
e. g. trip current Iab = 1.25 x IN (in A) ➞
Rmax in Ohm = (US / Iab) - 0.050 ➞
3
6
3.75
7.5
➞
ESS20 trips after 3...5 s
5.07
2.51
The ESS20 reliably trips from 0 Ohm to max. circuitry resistance Rmax
Cable cross section
A in mm2 ➞
0.14
0.25
0.34
0.5
0.75
1
1.5
cable length
L in meter (= single length)
cable resistance in Ohm = (R0 x 2 x L) / A
5
1.27
0.71
0.52
0.36
0.24
0.18
0.12
10
2.54
1.42
1.05
0.71
0.47
0.36
0.24
15
3.81
2.14
1.57
1.07
0.71
0.53
0.36
20
5.09
2.85
2.09
1.42
0.95
0.71
0.47
25
6.36
3.56
2.62
1.78
1.19
0.89
0.59
30
7.63
4.27
3.14
2.14
1.42
1.07
0.71
35
8.90
4.98
3.66
2.49
1.66
1.25
0.83
40
10.17
5.70
4.19
2.85
1.90
1.42
0.95
45
11.44
6.41
4.71
3.20
2.14
1.60
1.07
50
12.71
7.12
5.24
3.56
2.37
1.78
1.19
75
19.07
10.68
7.85
5.34
3.56
2.67
1.78
100
25.34
14.24
10.47
7.12
4.75
3.56
2.37
125
31.79
17.80
13.09
8.90
5.93
4.45
2.97
150
38.14
21.36
15.71
10.68
7.12
5.34
3.56
175
44.50
24.92
18.32
12.46
8.31
6.23
4.15
200
50.86
28.48
20.94
14.24
9.49
7.12
4.75
225
57.21
32.04
23.56
16.02
10.68
8.01
5.34
250
63.57
35.60
26.18
17.80
11.87
8.90
5.93
Example 1:
max. length at 1.5 mm2 and 3 A ➞
214 m
Example 2:
max. length at 1.5 mm2 and 6 A ➞
106 m
Example 3:
mixed wiring:
R1 = 40 m in 1.5 mm2 and R2 = 5 m in 0.25 mm2:
(Control cabinet – sensor/actuator level) R1 = 0.95 Ohm, R2 = 0.71 Ohm
Total (R1 + R2) = 1.66 Ohm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com