Electronic Components Datasheet Search
  English  ▼

X  

LM7121IMX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7121IMX
Description  235 MHz Tiny Low Power Voltage Feedback Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7121IMX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM7121IMX Datasheet HTML 10Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 11Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 12Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 13Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 14Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 15Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 16Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 17Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Typical Performance Characteristics T
A= 25˚C, RL = 1MΩ. unless otherwise specified (Continued)
Application Information
The table below, depicts the maximum operating supply volt-
age for each package type:
TABLE 1. Maximum Supply Voltage Values
SOT23-5
SO-8
Single Supply
10V
30V
Dual Supplies
±5V
±15V
Stable unity gain operation is possible with supply voltage of
5V for all capacitive loads. This allows the possibility of using
the device in portable applications with low supply voltages
with minimum components around it.
Above a supply voltage of 6V (±3V Dual supplies), an addi-
tional resistor and capacitor (shown below) should be placed
in the feedback path to achieve stability at unity gain over the
full temperature range.
The package power dissipation should be taken into account
when operating at high ambient temperatures and/or high
power dissipative conditions. Refer to the power derating
curves in the data sheet for each type of package.
In determining maximum operable temperature of the de-
vice, make sure the total power dissipation of the device is
considered; this includes the power dissipated in the device
with a load connected to the output as well as the nominal
dissipation of the op amp.
The device is capable of tolerating momentary short circits
from its output to ground but prolonged operation in this
mode will damage the device, if the maximum allowed junc-
tion temperation is exceeded.
APPLICATION CIRCUITS
Current Boost Circuit
The circuit in
Figure 2 can be used to achieve good linearity
along with high output current capability.
By proper choice of R
3, the LM7121 output can be set to
supply a minimal amount of current, thereby improving its
output linearity.
R
3 can be adjusted to allow for different loads:
R
3 = 0.1 RL
The circuit above has been set for a load of 100
Ω.
Reasonable speeds (<30 ns rise and fall times) can be ex-
pected up to 120 mA
PP of load current (see Figure 3 for step
response across the load).
Undistorted Output Swing
vs Frequency
DS012348-86
Total Power Dissipation
vs Ambient Temperature
DS012348-65
DS012348-87
FIGURE 1. Typical Circuit for A
V = +1
Operation (V
S ≥ 6V)
DS012348-92
FIGURE 2. Simple Circuit to Improve Linearity
and Output Drive Current
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com