Electronic Components Datasheet Search
  English  ▼

X  

MB3800 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB3800
Description  Wide supply voltage operating range: 1.8 V to 15 V
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB3800 Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB3800 Datasheet HTML 1Page - Cypress Semiconductor MB3800 Datasheet HTML 2Page - Cypress Semiconductor MB3800 Datasheet HTML 3Page - Cypress Semiconductor MB3800 Datasheet HTML 4Page - Cypress Semiconductor MB3800 Datasheet HTML 5Page - Cypress Semiconductor MB3800 Datasheet HTML 6Page - Cypress Semiconductor MB3800 Datasheet HTML 7Page - Cypress Semiconductor MB3800 Datasheet HTML 8Page - Cypress Semiconductor MB3800 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MB3800
Document Number: 002-08716 Rev. *A
Page 2 of 21
Contents
Pin Assignment ................................................................ 3
Pin Description ................................................................. 3
Block Diagram .................................................................. 4
Absolute Maximum Ratings ............................................ 4
Recommended Operating Conditions ............................ 5
Electrical Characteristics ................................................. 6
Diagram ............................................................................ 7
How to Set the Time Constant for Soft Start and
Short Circuit Detection .................................................... 8
Soft Start ..................................................................... 8
Short Circuit Protection ............................................... 8
Typical Characteristics .................................................... 9
Functional Description ................................................... 12
Switching Regulator Function .................................... 12
Power Supply Control Function ................................. 12
Other Functions ......................................................... 13
Application Example ..................................................... 13
Notes On Use .................................................................. 13
Ordering Information ...................................................... 14
RoHS Compliance Information of Lead (Pb)
Free version .................................................................... 14
Marking Format (Lead Free version) ........................... 15
Labeling Sample (Lead free version) ........................... 16
MB3800PF-
❏❏❏E1, MB3800PNF-❏❏❏E1
Recommended Conditions of Moisture
Sensitivity Level ............................................................. 17
Package Dimensions ...................................................... 18
Document History ........................................................... 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com