Electronic Components Datasheet Search
  English  ▼

X  

MB95F613H Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 33Page - Cypress Semiconductor MB95F613H Datasheet HTML 34Page - Cypress Semiconductor MB95F613H Datasheet HTML 35Page - Cypress Semiconductor MB95F613H Datasheet HTML 36Page - Cypress Semiconductor MB95F613H Datasheet HTML 37Page - Cypress Semiconductor MB95F613H Datasheet HTML 38Page - Cypress Semiconductor MB95F613H Datasheet HTML 39Page - Cypress Semiconductor MB95F613H Datasheet HTML 40Page - Cypress Semiconductor MB95F613H Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 37 of 110
PRELIMINARY
MB95610H Series
15.1.3 Port 0 registers
■ Port 0 register functions
■ Correspondence between registers and pins for port 0
15.1.4 Port 0 operations
■ Operation as an output port
❐ A pin becomes an output port if the bit in the DDR0 register corresponding to that pin is set to “1”.
❐ For a pin shared with other peripheral functions, disable the output of such peripheral functions.
❐ When a pin is used as an output port, it outputs the value of the PDR0 register to external pins.
❐ If data is written to the PDR0 register, the value is stored in the output latch and is output to the pin set as an output port as it is.
❐ Reading the PDR0 register returns the PDR0 register value.
❐ To use a pin shared with the LCDC as an output port, set a corresponding function select bit (SEG[35:32]) in the LCDC enable
register 7 (LCDCE7) to “0” to select the general-purpose I/O port function, and then set the port input control bit (PICTL) in the
LCDC enable register 1 (LCDCE1) to “1”.
■ Operation as an input port
❐ A pin becomes an input port if the bit in the DDR0 register corresponding to that pin is set to “0”.
❐ For a pin shared with other peripheral functions, disable the output of such peripheral functions.
❐ When using an analog input shared pin as an input port, set the corresponding bit in the A/D input disable register (lower) (AIDRL)
to “1”.
❐ If data is written to the PDR0 register, the value is stored in the output latch but is not output to the pin set as an input port.
❐ Reading the PDR0 register returns the pin value. However, if the read-modify-write (RMW) type of instruction is used to read the
PDR0 register, the PDR0 register value is returned.
❐ To use a pin shared with the LCDC as an input port, set a corresponding function select bit (SEG[35:32]) in the LCDCE7 register
to “0” to select the general-purpose I/O port function, and then set the PICTL bit in the LCDCE1 register to “1”.
■ Operation as a peripheral function output pin
❐ A pin becomes a peripheral function output pin if the peripheral output function is enabled by setting the output enable bit of a
peripheral function corresponding to that pin.
❐ The pin value can be read from the PDR0 register even if the peripheral function output is enabled. Therefore, the output value
of a peripheral function can be read by the read operation on the PDR0 register. However, if the read-modify-write (RMW) type
of instruction is used to read the PDR0 register, the PDR0 register value is returned.
Register
abbreviation
Data
Read
Read by read-modify-write
(RMW) instruction
Write
PDR0
0
Pin state is “L” level.
PDR0 value is “0”.
As output port, outputs “L” level.
1
Pin state is “H” level.
PDR0 value is “1”.
As output port, outputs “H” level.
DDR0
0
Port input enabled
1
Port output enabled
AIDRL
0
Analog input enabled
1
Port input enabled
Correspondence between related register bits and pins
Pin name
P07
P06
P05
P04
P03
P02
P01
P00
PDR0
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
DDR0
AIDRL
----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com