Electronic Components Datasheet Search
  English  ▼

X  

MB95F613H Datasheet(PDF) 103 Page - Cypress Semiconductor

Part # MB95F613H
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613H Datasheet(HTML) 103 Page - Cypress Semiconductor

Back Button MB95F613H Datasheet HTML 99Page - Cypress Semiconductor MB95F613H Datasheet HTML 100Page - Cypress Semiconductor MB95F613H Datasheet HTML 101Page - Cypress Semiconductor MB95F613H Datasheet HTML 102Page - Cypress Semiconductor MB95F613H Datasheet HTML 103Page - Cypress Semiconductor MB95F613H Datasheet HTML 104Page - Cypress Semiconductor MB95F613H Datasheet HTML 105Page - Cypress Semiconductor MB95F613H Datasheet HTML 106Page - Cypress Semiconductor MB95F613H Datasheet HTML 107Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 103 of 110
PRELIMINARY
MB95610H Series
(Continued)
Zero transition error
Linearity error
Full-scale transition error
0x001
0x002
0x003
0x004
0x3FD
0x3FE
0x3FF
Differential linearity error of digital output N
V(N+1)T - VNT
1 LSB
- 1
=
Linearity error of digital output N
VNT - {1 LSB
× N + V0T}
1 LSB
=
Analog input
0x001
0x002
0x3FC
0x3FD
0x003
0x3FE
0x3FF
0x004
Actual conversion
characteristic
Actual conversion
characteristic
V0T (measurement value)
Actual conversion
characteristic
Actual conversion
characteristic
VFST
(measurement
value)
VSS
VCC
VSS
VCC
VSS
VCC
VSS
VCC
Analog input
Analog input
Ideal characteristic
{1 LSB
× N + V0T}
Actual conversion
characteristic
Ideal
characteristic
Actual conversion
characteristic
V0T (measurement value)
VFST
(measurement
value)
VNT
Differential linearity error
0x(N-2)
0x(N-1)
0xN
0x(N+1)
Analog input
Actual conversion
characteristic
Ideal characteristic
VNT
Actual conversion
characteristic
V(N+1)T
N
VNT
: A/D converter digital output value
: Voltage at which the digital output transits from 0x(N - 1) to 0xN
V0T (ideal value) = VSS + 0.5 LSB [V]
VFST (ideal value) = VCC - 2 LSB [V]
Ideal
characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com