Electronic Components Datasheet Search
  English  ▼

X  

LM7131BCMX Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7131BCMX
Description  Tiny High Speed Single Supply Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7131BCMX Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM7131BCMX Datasheet HTML 15Page - National Semiconductor (TI) LM7131BCMX Datasheet HTML 16Page - National Semiconductor (TI) LM7131BCMX Datasheet HTML 17Page - National Semiconductor (TI) LM7131BCMX Datasheet HTML 18Page - National Semiconductor (TI) LM7131BCMX Datasheet HTML 19Page - National Semiconductor (TI) LM7131BCMX Datasheet HTML 20Page - National Semiconductor (TI) LM7131BCMX Datasheet HTML 21Page - National Semiconductor (TI) LM7131BCMX Datasheet HTML 22Page - National Semiconductor (TI) LM7131BCMX Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
SOT-23-5 Tape and Reel Specification
TAPE FORMAT
Tape Section
#Cavaties
Cavity Status
Cover Tape Status
Leader
0 (min)
Empty
Sealed
(Start End)
75 (min)
Empty
Sealed
Carrier
3000
Filled
Sealed
1000
Filled
Sealed
Trailer
125 (min)
Empty
Sealed
(Hub End)
0 (min)
Empty
Sealed
TAPE DIMENSIONS
8 mm
0.130
0.124
0.130
0.126
0.138 ±0.002
0.055 ±0.004
0.157
0.315 ±0.012
(3.3)
(3.15)
(3.3)
(3.2)
(3.5 ±0.05)
(1.4 ±0.11)
(4)
(8 ±0.3)
Tape Size
DIM A
DIM Ao
DIM B
DIM Bo
DIM F
DIM Ko
DIM P1
DIM W
DS012313-25
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com