Electronic Components Datasheet Search
  English  ▼

X  

SBS005 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # SBS005
Description  Power Supply Application
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SBS005 Datasheet(HTML) 3 Page - Cypress Semiconductor

  SBS005 Datasheet HTML 1Page - Cypress Semiconductor SBS005 Datasheet HTML 2Page - Cypress Semiconductor SBS005 Datasheet HTML 3Page - Cypress Semiconductor SBS005 Datasheet HTML 4Page - Cypress Semiconductor SBS005 Datasheet HTML 5Page - Cypress Semiconductor SBS005 Datasheet HTML 6Page - Cypress Semiconductor SBS005 Datasheet HTML 7Page - Cypress Semiconductor SBS005 Datasheet HTML 8Page - Cypress Semiconductor SBS005 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Document Number: 002-08322 Rev. *A
Page 3 of 23
MB39A112EVB-01
1. Terminal Description
2. Switch Description
3. Setup and Checkup
3.1 Setup
■ Connect power-supply terminals side to the VIN and GND, and connect the VO side to required loading device 
or measuring instrument.
■ Set SW1 to SW3 (CS1 to CS3) to OFF (output OFF) .
3.2 Checkup
■ Turn on VIN (power supply) , set SW1 to SW3 to ON (output ON) .
The IC works normally with the following outputs :
VO1
1.2 V (Typ) , V
O
2
3.3 V (Typ) , V
O
3
5 V (Typ)
Symbol
Description
VIN
Power supply terminal
VIN
7 V to 25 V (Typ 12 V)
VOX
DC/DC converter output terminal
GND
GND terminal
GNDX
DC/DC converter GND terminal
ICGND
MB39A112 GND terminal
SW
Name
Function
OPEN
L
1
CS1
CH1 control
Output ON
Output OFF
2
CS2
CH2 control
Output ON
Output OFF
3
CS3
CH3 control
Output ON
Output OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com