Electronic Components Datasheet Search
  English  ▼

X  

4000S Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # 4000S
Description  32-bit MCU Subsystem
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

4000S Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button 4000S Datasheet HTML 9Page - Cypress Semiconductor 4000S Datasheet HTML 10Page - Cypress Semiconductor 4000S Datasheet HTML 11Page - Cypress Semiconductor 4000S Datasheet HTML 12Page - Cypress Semiconductor 4000S Datasheet HTML 13Page - Cypress Semiconductor 4000S Datasheet HTML 14Page - Cypress Semiconductor 4000S Datasheet HTML 15Page - Cypress Semiconductor 4000S Datasheet HTML 16Page - Cypress Semiconductor 4000S Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
PSoC® 4: PSoC 4000S
Family Datasheet
Document Number: 002-00123 Rev. *I
Page 13 of 35
Sleep Mode, VDDD = 1.71 V to 1.89 V (Regulator bypassed)
SID28
IDD23
I2C wakeup, WDT, and Comparators on
–
0.7
0.9
mA
6 MHz
SID28A
IDD23A
I2C wakeup, WDT, and Comparators on
–
0.9
1.1
mA
12 MHz
Deep Sleep Mode, VDD = 1.8 V to 3.6 V (Regulator on)
SID31
IDD26
I2C wakeup and WDT on
–
2.5
60
µA–
Deep Sleep Mode, VDD = 3.6 V to 5.5 V (Regulator on)
SID34
IDD29
I2C wakeup and WDT on
–
2.5
60
µA–
Deep Sleep Mode, VDD = VCCD = 1.71 V to 1.89 V (Regulator bypassed)
SID37
IDD32
I2C wakeup and WDT on
–
2.5
60
µA–
XRES Current
SID307
IDD_XR
Supply current while XRES asserted
–
2
5
mA
–
Table 3. DC Specifications (continued)
Typical values measured at VDD = 3.3 V and 25 °C.
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
Note
2. Guaranteed by characterization.
Table 4. AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID48
FCPU
CPU frequency
DC
–
48
MHz
1.71
VDD 5.5
SID49[3]
TSLEEP
Wakeup from Sleep mode
–
0
–
µs
SID50[3]
TDEEPSLEEP
Wakeup from Deep Sleep mode
–
35
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com