Electronic Components Datasheet Search
  English  ▼

X  

LM7171AMJ-QML Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7171AMJ-QML
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7171AMJ-QML Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM7171AMJ-QML Datasheet HTML 9Page - National Semiconductor (TI) LM7171AMJ-QML Datasheet HTML 10Page - National Semiconductor (TI) LM7171AMJ-QML Datasheet HTML 11Page - National Semiconductor (TI) LM7171AMJ-QML Datasheet HTML 12Page - National Semiconductor (TI) LM7171AMJ-QML Datasheet HTML 13Page - National Semiconductor (TI) LM7171AMJ-QML Datasheet HTML 14Page - National Semiconductor (TI) LM7171AMJ-QML Datasheet HTML 15Page - National Semiconductor (TI) LM7171AMJ-QML Datasheet HTML 16Page - National Semiconductor (TI) LM7171AMJ-QML Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LM7171 Circuit Operation (Continued)
ers the inverting input. The triple-buffered output stage iso-
lates the gain stage from the load to provide low output im-
pedance.
LM7171 Slew Rate Characteristic
The slew rate of LM7171 is determined by the current avail-
able to charge and discharge an internal high impedance
node capacitor. This current is the differential input voltage
divided by the total degeneration resistor R
E. Therefore, the
slew rate is proportional to the input voltage level, and the
higher slew rates are achievable in the lower gain configura-
tions. A curve of slew rate versus input voltage level is pro-
vided in the “Typical Performance Characteristics”.
When a very fast large signal pulse is applied to the input of
an amplifier, some overshoot or undershoot occurs. By plac-
ing an external resistor such as 1 k
Ω in series with the input
of LM7171, the bandwidth is reduced to help lower the over-
shoot.
Slew Rate Limitation
If the amplifier’s input signal has too large of an amplitude at
too high of a frequency, the amplifier is said to be slew rate
limited; this can cause ringing in time domain and peaking in
frequency domain at the output of the amplifier.
In the “Typical Performance Characteristics” section, there
are several curves of A
V = +2 and AV = +4 versus input sig-
nal levels. For the A
V = +4 curves, no peaking is present and
the LM7171 responds identically to the different input signal
levels of 30 mV, 100 mV and 300 mV.
For the A
V = +2 curves, with slight peaking occurs. This
peaking at high frequency (>100 MHz) is caused by a large
input signal at high enough frequency that exceeds the am-
plifier’s slew rate. The peaking in frequency response does
not limit the pulse response in time domain, and the LM7171
is stable with noise gain of
≥+2.
Layout Consideration
PRINTED CIRCUIT BOARDS AND HIGH SPEED OP
AMPS
There are many things to consider when designing PC
boards for high speed op amps. Without proper caution, it is
very easy to have excessive ringing, oscillation and other de-
graded AC performance in high speed circuits. As a rule, the
signal traces should be short and wide to provide low induc-
tance and low impedance paths. Any unused board space
needs to be grounded to reduce stray signal pickup. Critical
components should also be grounded at a common point to
eliminate voltage drop. Sockets add capacitance to the
board and can affect high frequency performance. It is better
to solder the amplifier directly into the PC board without us-
ing any socket.
USING PROBES
Active (FET) probes are ideal for taking high frequency mea-
surements because they have wide bandwidth, high input
impedance and low input capacitance. However, the probe
ground leads provide a long ground loop that will produce er-
rors in measurement. Instead, the probes can be grounded
directly by removing the ground leads and probe jackets and
using scope probe jacks.
COMPONENT SELECTION AND FEEDBACK RESISTOR
It is important in high speed applications to keep all compo-
nent leads short. For discrete components, choose carbon
composition-type resistors and mica-type capacitors. Sur-
face mount components are preferred over discrete compo-
nents for minimum inductive effect.
Large values of feedback resistors can couple with parasitic
capacitance and cause undesirable effects such as ringing
or oscillation in high speed amplifiers. For LM7171, a feed-
back resistor of 510
Ω gives optimal performance.
Compensation for Input
Capacitance
The combination of an amplifier’s input capacitance with the
gain setting resistors adds a pole that can cause peaking or
oscillation. To solve this problem, a feedback capacitor with
a value
C
F > (RG xCIN)/RF
can be used to cancel that pole. For LM7171, a feedback ca-
pacitor of 2 pF is recommended.
Figure 1 illustrates the com-
pensation circuit.
Power Supply Bypassing
Bypassing the power supply is necessary to maintain low
power supply impedance across frequency. Both positive
and negative power supplies should be bypassed individu-
ally by placing 0.01 µF ceramic capacitors directly to power
supply pins and 2.2 µF tantalum capacitors close to the
power supply pins.
Termination
In high frequency applications, reflections occur if signals
are not properly terminated.
Figure 3 shows a properly termi-
nated signal while
Figure 4 shows an improperly terminated
signal.
DS012385-10
FIGURE 1. Compensating for Input Capacitance
DS012385-11
FIGURE 2. Power Supply Bypassing
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com