Electronic Components Datasheet Search
  English  ▼

X  

HPR Datasheet(PDF) 4 Page - ETAL Group

Part # HPR
Description  water-proof and dust-proof
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

HPR Datasheet(HTML) 4 Page - ETAL Group

  HPR Datasheet HTML 1Page - ETAL Group HPR Datasheet HTML 2Page - ETAL Group HPR Datasheet HTML 3Page - ETAL Group HPR Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.e-t-a.de
4
Hybrid Power Relay (HPR)
1630
5
All dimensions without tolerances are for reference only. E-T-A reserves the right to change
specifications at any time in the interest of improved design, performance and cost effec-
tiveness, Dimensions are subject to change without notice. Please enquire for the latest
dimensional drawing with tolerances if required. without notice is reserved. Amendments,
errors and omissions excepted. Ordering codes of the products may differ from their marking.
Dimensions
M8
M10
26
49,6
99
34
4 x M4
screw-in depth 8 mm
DIN EN ISO 14583-M4x6-A2-50U
Six lobe screw T20
to DIN EN ISO 10664
34
4 x M4
max. mounting screw depth 8 mm
M10
M8
26
49,6
50
62
99
M4
T20
Version without integral side flange for optional side and foot
plate with M4 connectors
Version with side flange (50 mm distance between holes) and
M4 screw terminals



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com