Electronic Components Datasheet Search
  English  ▼

X  

PI74STX1G08 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74STX1G08
Description  SOTiny Gate STX 2-Input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74STX1G08 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74STX1G08 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74STX1G08 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74STX1G08 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74STX1G08 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PS8565B
07/07/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74STX1G08
SOTiny™ Gate STX
2-InputAND
.102
.118
BSC
0.60
12
3
.000
.005
0.00
0.15
.014
.019
0.35
0.50
54
1.50
1.75
.059
.068
0.10
.023
.004
1.45 MAX.
SEATING
PLANE
.057
0” - 10”
1.90
.075
.037
BSC
2.60
3.00
0.95
.110
.118
2.80
3.00
X.XX
X.XX
Datum "A"
DENOTES DIMENSIONS
IN MILIMETERS
Packaging Mechanical: 5-Pin SOT23 (T)
GUAGE PLANE
SEATING PLANE
SEATING PLANE
DENOTES DIMENSIONS
IN MILLIMETERS
Notes:
1. Controlling dimensions in millimeters
2. Ref: JEDEC MO-203AA
BSC
VIEW A
BSC
REV
0˚-8˚
4˚-10˚
0.15
.321
0.42
.017
.010
.018
0.26
0.46
.006
3
4
5
2
1
.011
.026 0.65
BSC
.083
2.10
BSC
.049
1.25
BSC
.051
1.30
BSC
.079 2.00
0.15
0.30
MAX
.004
0.10
00
XXX
XXX
1.10
Packaging Mechanical: 5-Pin SC70 (C)
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
OrderingInformation
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. X = Tape and reel
Ordering Code
Package Code
Package Description
Top Marking
PI74STX1G08TX
T
5-pin, SOT23
B8
PI74STX1G08CX
C
5-pin, SC70
B8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com