Electronic Components Datasheet Search
  English  ▼

X  

PS7801 Datasheet(PDF) 1 Page - NEC

Part # PS7801
Description  NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7801 Datasheet(HTML) 1 Page - NEC

  PS7801 Datasheet HTML 1Page - NEC PS7801 Datasheet HTML 2Page - NEC PS7801 Datasheet HTML 3Page - NEC PS7801 Datasheet HTML 4Page - NEC PS7801 Datasheet HTML 5Page - NEC PS7801 Datasheet HTML 6Page - NEC PS7801 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NEC's 4-PIN ULTRA SMALL FLAT-LEAD,
LOW OUTPUT CAPACITANCE
1-CH OPTICAL COUPLED MOSFET
PS7801-1A
FEATURES
•
LOW C x R :
C x R = 12.6 pF • Ω
•
LOW OUTPUT CAPACITANCE
COUT = 1.2 pF
•
1 CHANNEL TYPE:
1a output
•
DESIGNED FOR AC/DC SWITCHING LINE CHANGER
•
ULTRA SMALL FLAT-LEAD PACKAGE:
4.2 (L) X 2.5 (W) X 1.85 (H) mm
•
LOW OFFSET VOLTAGE
•
ORDERING NUMBER OF TAPING PRODUCT:
PS7801-1A-F3, F4 (3 500 pcs/reel)
DESCRIPTION
NEC's PS7801-1A is a low output capacitance solid state
relay containing GaAs LEDs on the light emitting side (input
side) and MOSFETs on the output side.
An ultra small ßat-lead package has been provided which
realizes a reduction in mounting area about 50% compared
with the PS72xx series.
It is suitable for high frequency signal control, due to its low
C x R, low on-state resistance, and low off-state leakage
current.
California Eastern Laboratories
APPLICATIONS
•
MEASUREMENT EQUIPMENT
PART NUMBER
PS7801-1A
SYMBOLS
PARAMETERS
MIN
TYP
MAX
UNITS
Diode
VF
Forward Voltage, IF = 5 mA
1.1
1.4
V
IR
Reverse Current, VR = 5 V
5.0
A
MOS FET
ILOFF
Off-State Leakage Current, VD = 40 V
0.1
1
nA
Cout
Output Capacitance, VD = 0 V, f = 1 MHz
1.2
pF
Coupled
IFon
LED On-state Current IL = 100 mA
2.0
mA
RON1
On-State Resistance, IF = 5 mA, IL = 10 mA
10.5
14
RON2
On-State Resistance, IF = 5 mA, IL = 100 mAt ≤ 10 ms
11.5
15
tON
Turn-on Time, IF = 5 mA, VO = 5 V, RL = 500
, PW ≥ 10 ms
0.02
0.5
ms
tOFF
Turn-off Time, IF = 5 mA, VO = 5 V, RL = 500
, PW ≥ 10 ms
0.15
1.0
ms
RI-O
Isolation Resistance, VI-O = 0.5 k VDC
109
CI-O
Isolation Capacitance, V = 0 V, f = 1 MHz
0.3
pF
Input
50%
0
VO = 5 V
90%
10%
ton
toff
Output
Rin
VL
IF
RL
Input monitor
Pulse Input
Vo monitor
1. Test Circuit for Switching Time
2. The turn-on time and turn-off time are speciÞed as input-pulse width ≥ 10 ms. Please note that when the device operates with an input-pulse of
under 10 ms, the turn-on time and turn-off time will increase.
ELECTRICAL CHARACTERISTICS (TA = 25 °C)


Similar Part No. - PS7801

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801-1A NEC-PS7801-1A Datasheet
102Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801-1A CEL-PS7801-1A Datasheet
202Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801-1A RENESAS-PS7801-1A Datasheet
219Kb / 15P
4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE
PS7801-1A RENESAS-PS7801-1A Datasheet
226Kb / 15P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7801-1A-A NEC-PS7801-1A-A Datasheet
102Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7801

ManufacturerPart #DatasheetDescription
logo
NEC
PS7802 NEC-PS7802 Datasheet
168Kb / 7P
NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7801C-1A CEL-PS7801C-1A Datasheet
337Kb / 5P
NECs 4-PIN ULTRA SMALL FLAT-LEAD SUPER LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOS FET
logo
NEC
PS7801-1A NEC-PS7801-1A Datasheet
102Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7802-1A NEC-PS7802-1A Datasheet
101Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7801C-1A NEC-PS7801C-1A Datasheet
114Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, SUPER LOW OUTPUT CAPACITANCE, 1-ch Optical Coupled MOS FET
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801-1A CEL-PS7801-1A Datasheet
202Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7802-1A CEL-PS7802-1A Datasheet
342Kb / 14P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801-1A RENESAS-PS7801-1A_15 Datasheet
226Kb / 15P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7802-1A RENESAS-PS7802-1A Datasheet
255Kb / 15P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com