Electronic Components Datasheet Search
  English  ▼

X  

PS7802 Datasheet(PDF) 5 Page - NEC

Part # PS7802
Description  NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7802 Datasheet(HTML) 5 Page - NEC

  PS7802 Datasheet HTML 1Page - NEC PS7802 Datasheet HTML 2Page - NEC PS7802 Datasheet HTML 3Page - NEC PS7802 Datasheet HTML 4Page - NEC PS7802 Datasheet HTML 5Page - NEC PS7802 Datasheet HTML 6Page - NEC PS7802 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2-94
PS7802-1A
TYPICAL CHARACTERISTICS (TA = 25ºC)
NORMALIZED TURN-ON TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (ºC)
NORMALIZED TURN-OFF TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (ºC)
-25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Normalized to 1.0
at TA = 25
ºC,
IF = 5 mA,
VO = 5V,
RL = 500
Ω
025
50
75
100
-25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Normalized to 1.0
at TA = 25
ºC,
IF = 5 mA,
VO = 5V,
RL = 500
Ω
025
50
75
100
ERT (Equivalent Rate Time) measurement
250 mV
250 mV
Output
ERT =
tr (out)
2 – tr (in)2
Input
90%
10%
90%
10%
tr (out)
tr (in)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com