Electronic Components Datasheet Search
  English  ▼

X  

PS2634L Datasheet(PDF) 3 Page - NEC

Part # PS2634L
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE DARLINGTON TYPE 6 PIN OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2634L Datasheet(HTML) 3 Page - NEC

  PS2634L Datasheet HTML 1Page - NEC PS2634L Datasheet HTML 2Page - NEC PS2634L Datasheet HTML 3Page - NEC PS2634L Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
DIODE POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Ambient Temperature, TA (
°C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Forward Voltage, VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector Saturation Voltage, VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
Collector to Emitter Voltage, VCE (V)
Ambient Temperature, TA (
°C)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
200
150
100
50
0
25
50
75
100
TA = 100 ˚C
75 ˚C
50 ˚C
25 ˚C
0 ˚C
-25 ˚C
-55 ˚C
100
10
1
0.1
0.01
0.6
0.8
1.0
1.2
1.4
1.6
400
300
200
100
0
25
50
75
100
5.0 mA
4.0 mA
3.0
mA
2.5
mA
2.0 mA
1.5 mA
1.0 mA
IF = 0.5 mA
4.5 mA
3.5 mA
4.0 mA
120
100
80
60
40
0
1
23
4
160
140
20
56
7
8
10
µ
-50
-25
025
50
VCE = 300 V
1
µ
100 n
10 n
1 n
100 p
75
100
300
0
0.2
0.4
0.6
0.8
100
50
10
5
1
1.0
1.2
5.0 mA
2.0 mA
2.0 mA
IF = 0.5 mA
0.5
0.1
PS2633, PS2633L, PS2634, PS2634L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com