Electronic Components Datasheet Search
  English  ▼

X  

REF3112 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3112
Description  15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3112 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  REF3112 Datasheet HTML 1Page - Burr-Brown (TI) REF3112 Datasheet HTML 2Page - Burr-Brown (TI) REF3112 Datasheet HTML 3Page - Burr-Brown (TI) REF3112 Datasheet HTML 4Page - Burr-Brown (TI) REF3112 Datasheet HTML 5Page - Burr-Brown (TI) REF3112 Datasheet HTML 6Page - Burr-Brown (TI) REF3112 Datasheet HTML 7Page - Burr-Brown (TI) REF3112 Datasheet HTML 8Page - Burr-Brown (TI) REF3112 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
REF3112, 3120, 3125, 3130, 3133, 3140
4
SBVS046A
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VIN = +5V power supply, REF3125 is used for typical characteristics, unless otherwise noted.
TEMPERATURE DRIFT (0
°C to +70°C)
18
16
14
12
10
8
6
4
2
0
1
0
Drift (ppm/
°C)
2
3
4
5
6
8
9
10 11 12 131415 16
TEMPERATURE DRIFT (–40
°C to +125°C)
25
20
15
10
5
0
1
0
Drift (ppm/
°C)
2 3 4 5 6 7 8 9 1011 1213 14 1516 171819 20 21
OUTPUT VOLTAGE vs TEMPERATURE
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
−0.02
−0.04
−60 −40 −20
0
40
20
60
80
100
120
140
Temperature (
°C)
DROPOUT VOLTAGE vs LOAD CURRENT
120
100
80
60
40
20
0
–15
–10
–50
510
15
Load Current (mA)
QUIESCENT CURRENT vs TEMPERATURE
120
100
80
60
40
20
0
–60
–40
–20
0
20
40
60
100
120
80
140
Temperature (
°C)
OUTPUT IMPEDANCE vs FREQUENCY
100
10
1
0.1
0.01
1
10
100
1k
100k
10k
1M
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com