Electronic Components Datasheet Search
  English  ▼

X  

ZLED7000 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ZLED7000
Description  40V LED Driver with Internal Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7000 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ZLED7000 Datasheet HTML 10Page - Integrated Device Technology ZLED7000 Datasheet HTML 11Page - Integrated Device Technology ZLED7000 Datasheet HTML 12Page - Integrated Device Technology ZLED7000 Datasheet HTML 13Page - Integrated Device Technology ZLED7000 Datasheet HTML 14Page - Integrated Device Technology ZLED7000 Datasheet HTML 15Page - Integrated Device Technology ZLED7000 Datasheet HTML 16Page - Integrated Device Technology ZLED7000 Datasheet HTML 17Page - Integrated Device Technology ZLED7000 Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ZLED7000 Datasheet
© 2016 Integrated Device Technology, Inc.
15
April 20, 2016
4
Operating Conditions
4.1
Thermal Conditions
Refer to Table 1.1 for maximum package power dissipation specifications for the ZLED7000’s SOT89-5 package.
Exceeding these specifications due to operating the chip at high ambient temperatures (see Table 1.2 for
maximum operating temperature range) or driving over the maximum load current (see Table 1.1) can damage
the ZLED7000. The ZLED7000 can be used for LED current applications up to750mA when properly mounted to
a high wattage land pattern. Conditions such as operating below the minimum supply voltage or inefficiency of the
circuit due to improper coil selection or excessive parasitic capacitance on the output can cause excessive chip
power dissipation.
4.2
Thermal Shut-Down Protection
The ZLED7000 includes an on-board temperature sensing circuit which stops the output if the junction exceeds
approximately 160°C.
4.3
Open-Circuit Protection
The ZLED7000 is inherently protected if there is an open-circuit in the connection to the LEDs because in this
case, the coil is isolated from the LX pin. This prevents any back EMF from damaging the internal switch due to
forcing the drain above its breakdown voltage.
5
ESD/Latch-Up-Protection
All pins have an ESD protection of >± 2000V according to the Human Body Model (HBM) except for pin 1, which
has a protection level of >± 1000V.
The ESD test follows the Human Body Model with 1.5 kΩ/100 pF based on
MIL 883-G, Method 3015.7
Latch-up protection of >± 100mA has been proven based on JEDEC No. 78A Feb. 2006, temperature class 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com