Electronic Components Datasheet Search
  English  ▼

X  

ZLED7010 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ZLED7010
Description  40V LED Driver with Temperature Compensation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7010 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ZLED7010 Datasheet HTML 11Page - Integrated Device Technology ZLED7010 Datasheet HTML 12Page - Integrated Device Technology ZLED7010 Datasheet HTML 13Page - Integrated Device Technology ZLED7010 Datasheet HTML 14Page - Integrated Device Technology ZLED7010 Datasheet HTML 15Page - Integrated Device Technology ZLED7010 Datasheet HTML 16Page - Integrated Device Technology ZLED7010 Datasheet HTML 17Page - Integrated Device Technology ZLED7010 Datasheet HTML 18Page - Integrated Device Technology ZLED7010 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ZLED7010 Datasheet
© 2016 Integrated Device Technology, Inc.
15
April 20, 2016
4
Operating Conditions
4.1.
Thermal Conditions
Refer to section 1.1 for maximum package power dissipation specifications for the ZLED7010’s SOP-8 package.
Exceeding these specifications due to operating the chip at high ambient temperatures (see section 1.2 for
maximum operating temperature range) or driving over the maximum load current (see section 1.3) can damage
the ZLED7010. The ZLED7010 can be used for LED current applications up to750mA when properly mounted to
a high wattage land pattern. Conditions such as operating below the minimum supply voltage or inefficiency of the
circuit due to improper coil selection or excessive parasitic capacitance on the output can cause excessive chip
power dissipation.
4.2.
Thermal Shut-Down Protection
The ZLED7010 includes an on-board temperature sensing circuit that stops the output if the junction exceeds approximately
160°C.
4.3.
Open-Circuit Protection
The ZLED7010 is inherently protected if there is an open-circuit in the connection to the LEDs because in this
case, the coil is isolated from the LX pin. This prevents any back EMF from damaging the internal switch due to
forcing the drain above its breakdown voltage.
4.4.
External Temperature Compensation of Output Current
The ZLED7010’s temperature compensation feature is useful in applications that require a temperature
compensated LED control current to ensure stability and reliability over temperature, such as high luminance
LEDs. When output current compensation is needed, use an external temperature sensing network, typically with
negative temperature coefficient (NTC) thermistors/diodes, located close to the LED(s) and connected to the RNTC
and Rth inputs. With this circuit configuration, the internal circuitry of the ZLED7010 reduces the output current if
the temperature sensing input indicates a rising temperature.
Figure 4.1
Temperature Compensation
RNTC
RTH
ADJI
ADJO
GND
ZLED7010
R2
R3
NTC
R4
As shown in Figure 4.1, the temperature compensation curve is determined by R2, R3 (NTC) and R4. When the
LED temperature increases, the resistance of R3 decreases. As R3 reaches the point that R3 plus R4 equal R2,
the temperature compensation function starts to work by reducing IOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com