Electronic Components Datasheet Search
  English  ▼

X  

REF3133 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3133
Description  15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3133 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  REF3133 Datasheet HTML 1Page - Burr-Brown (TI) REF3133 Datasheet HTML 2Page - Burr-Brown (TI) REF3133 Datasheet HTML 3Page - Burr-Brown (TI) REF3133 Datasheet HTML 4Page - Burr-Brown (TI) REF3133 Datasheet HTML 5Page - Burr-Brown (TI) REF3133 Datasheet HTML 6Page - Burr-Brown (TI) REF3133 Datasheet HTML 7Page - Burr-Brown (TI) REF3133 Datasheet HTML 8Page - Burr-Brown (TI) REF3133 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
REF3112, 3120, 3125, 3130, 3133, 3140
2
SBVS046A
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V+ to V– ................................................................... 7.0V
Output Short-Circuit ................................................................. Continuous
Operating Temperature .................................................. –55
°C to +135°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these, or any other conditions beyond those specified, is not implied.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
REF3112
SO T23-3
DBZ
–40
°C to +125°C
R31A
REF3112AIDBZT
Tape and Reel, 250
"
"""
"
REF3112AIDBZR
Tape and Reel, 3000
REF3120
SOT23-3
DBZ
–40
°C to +125°C
R31B
REF3120AIDBZT
Tape and Reel, 250
"
"""
"
REF3120AIDBZR
Tape and Reel, 3000
REF3125
SOT23-3
DBZ
–40
°C to +125°C
R31C
REF3125AIDBZT
Tape and Reel, 250
"
"""
"
REF3125AIDBZR
Tape and Reel, 3000
REF3130
SOT23-3
DBZ
–40
°C to +125°C
R31E
REF3130AIDBZT
Tape and Reel, 250
"
"""
"
REF3130AIDBZR
Tape and Reel, 3000
REF3133
SOT23-3
DBZ
–40
°C to +125°C
R31F
REF3133AIDBZT
Tape and Reel, 250
"
"""
"
REF3133AIDBZR
Tape and Reel, 3000
REF3140
SOT23-3
DBZ
–40
°C to +125°C
R31D
REF3140AIDBZT
Tape and Reel, 250
"
"""
"
REF3140AIDBZR
Tape and Reel, 3000
NOTES: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet.
PACKAGE/ORDERING INFORMATION(1)
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, ILOAD = 0mA, VIN = 5V, unless otherwise noted.
REF31xx
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
REF3112(1) - 1.25V
OUTPUT VOLTAGE
V
OUT
1.2475
1.25
1.2525
V
Initial Accuracy
–0.2
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
17
µV
PP
Voltage Noise
f = 10Hz to 10kHz
24
µVrms
REF3120 – 2.048
OUTPUT VOLTAGE
V
OUT
2.0439
2.048
2.0521
V
Initial Accuracy
–0.2
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
27
µV
PP
Voltage Noise
f = 10Hz to 10kHz
39
µVrms
REF3125 – 2.5V
OUTPUT VOLTAGE
V
OUT
2.4950
2.50
2.5050
V
Initial Accuracy
–0.2
0.2
%
NOISE
Output Voltage Noise
f = 0.1Hz to 10Hz
33
µV
PP
Voltage Noise
f = 10Hz to 10kHz
48
µVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com