Electronic Components Datasheet Search
  English  ▼

X  

M61529FP Datasheet(PDF) 13 Page - Hitachi Semiconductor

Part # M61529FP
Description  Audio Signal Processor with Surround
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

M61529FP Datasheet(HTML) 13 Page - Hitachi Semiconductor

Back Button M61529FP Datasheet HTML 9Page - Hitachi Semiconductor M61529FP Datasheet HTML 10Page - Hitachi Semiconductor M61529FP Datasheet HTML 11Page - Hitachi Semiconductor M61529FP Datasheet HTML 12Page - Hitachi Semiconductor M61529FP Datasheet HTML 13Page - Hitachi Semiconductor M61529FP Datasheet HTML 14Page - Hitachi Semiconductor M61529FP Datasheet HTML 15Page - Hitachi Semiconductor M61529FP Datasheet HTML 16Page - Hitachi Semiconductor M61529FP Datasheet HTML 17Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
M61529FP
Rev.1.00, Sep.04.2003, page 13 of 23
Signal Level Diagram
chA to D, MUTE
Input ATT
Vocal Cut
Surround
[ON/OFF]
[ON/OFF]
ToneATT
ToneControl
Volume
- 8dB to +8dB
0dB/- 8.2dB
+3.5/0/ - 5dB
0 to -87dB, -
∞
BassBoost
[ON/OFF]
IN
OUT
Selector
Input ATT
Vocal cut, Surround
Tone ATT
Tone control
(Bass, Mid, Treble)
Volume
Bassboost
Max;+6.8dBV
0dBV
- 10dBV
- 20dBV
+10dBV
Min; - 103dBV
95dB
- 0.2dBV
+15dB
Max;+6.8dBV
0dBV
- 10dBV
- 20dBV
+10dBV
Min; - 103dBV
95dB
- 13dBV
+15dB
Vocal cut ON, Tone bypass, B assboost ON
( - 13dB)
(+13dB)
- 16.2dBV
Tone control is fixed
on the bypass to use
it for the vocal cut.
- 8.2dB
Vocal cut OFF, Bassboost ON
- 8.2dB
Max;+5.1dBV
Max;+5.1dBV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com