Electronic Components Datasheet Search
  English  ▼

X  

EBU10 Datasheet(PDF) 1 Page - ETAL Group

Part # EBU10
Description  Electronic circuit breaker EBU
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

EBU10 Datasheet(HTML) 1 Page - ETAL Group

  EBU10 Datasheet HTML 1Page - ETAL Group EBU10 Datasheet HTML 2Page - ETAL Group EBU10 Datasheet HTML 3Page - ETAL Group EBU10 Datasheet HTML 4Page - ETAL Group EBU10 Datasheet HTML 5Page - ETAL Group EBU10 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.e-t-a.de
1
Electronic circuit breaker EBU
1638
4
Type No.
EBU Electronic circuit breaker for AC UPS applications
Mounting method
T
rail mounting
Design
A adjustability IN UPS + IN load
Number of poles
1
1-pole, 1-pole protected electronically
2
2-pole, 1-pole protected electronically
Version
0
with physical isolation by means of MCB 4230-T
Signal input
0
without signal input
Signal output
3
auxiliary change-over contact
Operating voltage
AC 230 V
voltage rating AC 230 V
Characteristic curve
B
thermal 1.05 - 1.30 IN;
magnetic 3.2 - 4.8 IN
C
thermal 1.05 - 1.30 IN;
magnetic 6.4 – 9.6 IN
Current rating range
4 A (only Characteristic curve C)
6 A
10 A
16 A
EBU10 -T A 1 - 0
0
3 - AC 230 V - C - 10 A
ordering example
Preferred types Characteristic curve C
Description
Typical applications
Benefits
Technical data
The electronic circuit protector type EBU (Electronic Breaker Unit)
provides selective overcurrent protection in AC 230 V UPS systems.
It consists of an MCB approved for short circuit interruptions up to
10 kA and of an add-on electronic circuitry, taking over measuring
and evaluation tasks. The product is available with the typical MCB
ratings 4 A, 6 A, 10 A and 16 A with B and C characteristics and is
directly operated at the output of the corresponding UPS.
UPS units often do not supply sufficient power in the event of a short
circuit to trip standard MCBs. The electronic AC circuit breaker can
individually be adjusted to the UPS unit and will therefore reliably trip
in the event of a short circuit. Optimal adjustment of the load’s current
rating allows detection and disconnection of an overload in the load
circuit. This helps exclude the fatal disconnection of the entire output
voltage of the UPS unit.
The Electronic Breaker Unit EBU allows a reduction in size of one
third for UPS units because power reserves do no longer have to
be kept available for tripping. The EBU increases system availability,
reduces overall costs and simplifies electrical planning.
Electronic overcurrent protection by means of electronic AC circuit
breakers is ideally suited to the selective protection of uninterruptible
power supplies (UPS) in industrial plants. EBU ensures the power
safety provided by AC UPS systems.
l
Enhanced system availability through effective protection
l
Reduction of overall costs by a 1/3 more efficient rating
l
Easy planning with a variable overcurrent protection
Order numbering code
Rated voltage UN
AC 230 V ±10%
Current ratings IN
4 A, 6 A, 10 A, 16 A
Frequency
50 Hz
Rated insulation voltage
AC 250 V
Rated voltage and
current rating range of
the auxiliary contact
DC 110 V / 0.3 A – 33 W
DC 30 V / 1.1 A – 33 W
AC 120 V / 0.5 A – 60 VA
AC 240 V / 0.25 A – 60 VA
Min. load of aux. contact
(valid for standard
industrial surroundings,
no aggressive gases)
3 mA at 24 V
Reference ambient
temperature
-35 °C...+60 °C
Method of operation
S-type
Mode of trip / degree
of trip-free behaviour
mechatronic / trip free
(positively trip-free)
Max.* cable length (outgoing wire) from generator to EBU
Typical electrical operational values
Voltage drop in V at 1 x IN
Insulation co-ordination
(except signalling)
Rated impulse voltage 4 kV;
overvoltage category III; pollution
degree 2; reinforced insulation in the
actuating area
Insulation co-ordination
of the signalling
Rated impulse voltage: 2.5 kV
Note: The Si contacts are not suitable for connection to SELV
control voltage.
Insulation resistance
> 100 MOhm (DC 500 V)
Degree of protection
II
Endurance
mechanical (contacts)
electronic
potentiometer
20,000 cycles
> 15 years within specification
min. 1000 steps
B6
B10
B16
C4
C6
C10
C16
31 m/
mm2
19 m/
mm2
12 m/
mm2
24 m/
mm2
17 m/
mm2
10 m/
mm2
6 m/
mm2
IN (A)
4
6
10
16
V
0,77
0,53
0,35
0,3


Similar Part No. - EBU10

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
EBU-101G-LF BOTHHAND-EBU-101G-LF Datasheet
215Kb / 2P
Ethernet Switches expand to Wireless Access Point
EBU-101GLF BOTHHAND-EBU-101GLF Datasheet
215Kb / 2P
Gigabit & High Power Base Unit for PoE
logo
Vishay Siliconix
EBUEBT VISHAY-EBUEBT Datasheet
97Kb / 7P
Aluminum Capacitors Axial Non-Polar Capacitor Styles
11-Jun-08
More results

Similar Description - EBU10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
ELECTRONIC CIRCUIT BREAKER
Oct-1998
logo
Linear Technology
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
Auto-Reset Electronic Circuit Breaker
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
Auto-Reset Electronic Circuit Breaker
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
102899 PHOENIX-102899 Datasheet
895Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com